Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA1519A Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA1519A
Description  22 W BTL or 2 x 11 W stereo car radio power amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1519A Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1519A Datasheet HTML 1Page - NXP Semiconductors TDA1519A Datasheet HTML 2Page - NXP Semiconductors TDA1519A Datasheet HTML 3Page - NXP Semiconductors TDA1519A Datasheet HTML 4Page - NXP Semiconductors TDA1519A Datasheet HTML 5Page - NXP Semiconductors TDA1519A Datasheet HTML 6Page - NXP Semiconductors TDA1519A Datasheet HTML 7Page - NXP Semiconductors TDA1519A Datasheet HTML 8Page - NXP Semiconductors TDA1519A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
May 1992
3
Philips Semiconductors
Product specification
22 W BTL or 2 x 11 W stereo car radio
power amplifier
TDA1519A
PACKAGE OUTLINES
9 lead SIL; plastic power (SOT131); SOT131-2; 1996 July 22.
9-lead SIL-bent-to-DIL; plastic power (SOT157); SOT157-2; 1996 July 22.
BTL application
Output power
THD = 10%; 4
Po
22
W
Supply voltage ripple rejection
RS = 0 Ω
f = 100 Hz
RR
34
−−
dB
f = 1 kHz to 10 kHz
RR
48
−−
dB
DC output offset voltage
|
∆V
0|
−−
250
mV
Crystal temperature
Tc
−−
150
°C
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn