Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT20M22JVRU3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. APT20M22JVRU3
Description  ISOTOP Buck chopper MOSFET Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APT20M22JVRU3 Datasheet(HTML) 1 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APT20M22JVRU3
www.microsemi.com
1 – 7
ISOTOP
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
A
S
G
D
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
200
V
Tc = 25°C
97
ID
Continuous Drain Current
Tc = 80°C
72
IDM
Pulsed Drain current
388
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
22
m
PD
Maximum Power Dissipation
Tc = 25°C
450
W
IAR
Avalanche current (repetitive and non repetitive)
97
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
2500
mJ
IFAV
Maximum Average Forward Current
Duty cycle=0.5
Tc = 90°C
30
IFRMS
RMS Forward Current (Square wave, 50% duty)
47
A
VDSS = 200V
RDSon = 22mΩ max @ Tj = 25°C
ID = 97A @ Tc = 25°C
Application
AC and DC motor control
Switched Mode Power Supplies
Features
Power MOS V® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic diode
-
Avalanche energy rated
-
Very rugged
ISOTOP® Package (SOT-227)
Very low stray inductance
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Very rugged
Low profile
RoHS Compliant
ISOTOP® Buck chopper
MOSFET Power Module
A
D
G
S


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn