Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS389 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS389
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS389 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDS389 Datasheet HTML 1Page - Texas Instruments SN65LVDS389 Datasheet HTML 2Page - Texas Instruments SN65LVDS389 Datasheet HTML 3Page - Texas Instruments SN65LVDS389 Datasheet HTML 4Page - Texas Instruments SN65LVDS389 Datasheet HTML 5Page - Texas Instruments SN65LVDS389 Datasheet HTML 6Page - Texas Instruments SN65LVDS389 Datasheet HTML 7Page - Texas Instruments SN65LVDS389 Datasheet HTML 8Page - Texas Instruments SN65LVDS389 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN65LVDS387, SN75LVDS387, SN65LVDS389
SN75LVDS389, SN65LVDS391, SN75LVDS391
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SLLS362D – SEPTEMBER 1999 – REVISED MAY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
equivalent input and output schematic diagrams
7 V
300 k
50
VCC
A or EN
Input
VCC
5
7 V
Y or Z
Output
EQUIVALENT OF EACH A OR EN INPUT
TYPICAL OF ALL OUTPUTS
10 k
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range: Inputs
– 0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Y or Z
– 0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: SN65’ (Y, Z, and GND)
Class 3, A:15 kV, B: 500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN75’ (Y, Z, and GND)
Class 3, A:4 kV, B: 400 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
(see Dissipation Rating Table)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 in) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
2. Tested in accordance with MIL-STD-883C Method 3015.7.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
950 mW
7.6 mW/
°C
608 mW
494 mW
DBT
1071 mW
8.5 mW/
°C
688 mW
556 mW
DGG
2094 mW
16.7 mW/
°C
1342 mW
1089 mW
PW
774 mW
6.2 mW/
°C
496 mW
402 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted (low-k) and with no air flow.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Operating free-air temperature TA
SN75’
0
70
°C
O erating free-air tem erature, TA
SN65’
– 40
85
°C


Similar Part No. - SN65LVDS389

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS389 TI-SN65LVDS389 Datasheet
217Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS389 TI-SN65LVDS389 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS389DBT TI-SN65LVDS389DBT Datasheet
217Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS389DBT TI-SN65LVDS389DBT Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS389DBT TI1-SN65LVDS389DBT Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
More results

Similar Description - SN65LVDS389

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com