Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F373N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F373N
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F373N Datasheet(HTML) 1 Page - Texas Instruments

  SN74F373N Datasheet HTML 1Page - Texas Instruments SN74F373N Datasheet HTML 2Page - Texas Instruments SN74F373N Datasheet HTML 3Page - Texas Instruments SN74F373N Datasheet HTML 4Page - Texas Instruments SN74F373N Datasheet HTML 5Page - Texas Instruments SN74F373N Datasheet HTML 6Page - Texas Instruments SN74F373N Datasheet HTML 7Page - Texas Instruments SN74F373N Datasheet HTML 8Page - Texas Instruments SN74F373N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54F373, SN74F373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SDFS076A – D2932, MARCH 1987 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Eight Latches in a Single Package
3-State Bus-Driving True Outputs
Full Parallel Access for Loading
Buffered Control Inputs
Package Options Include Plastic
Small-Outline (SOIC) and Shrink
Small-Outline (SSOP) Packages, Ceramic
Chip Carriers, and Plastic and Ceramic
DIPs
description
These 8-bit latches feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. They are
particularly suitable for implementing buffer
registers, I/O ports, bidirectional bus drivers, and
working registers.
The eight latches of the
′F373 are transparent
D-type latches. While the latch-enable (LE) input
is high, the Q outputs will follow the data (D) inputs.
When the latch enable is taken low, the Q outputs
are latched at the logic levels set up at the D
inputs.
A buffered output-enable (OE) input can be used
to place the eight outputs in either a normal
logic state (high or low logic levels) or a
high-impedance state. In the high-impedance
state, the outputs neither load nor drive the bus
lines significantly. The high-impedance state and
increased drive provide the capability to drive bus
lines without need for interface or pullup
components.
The output-enable (OE) input does not affect the internal operations of the latches. Old data can be retained
or new data can be entered while the outputs are in the high-impedance state.
The SN74F373 is available in TI’s shrink small-outline package (DB), which provides the same I/O pin count
and functionality of standard small-outline packages in less than half the printed-circuit-board area.
The SN54F373 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN74F373 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each latch)
INPUTS
OUTPUT
OE
LE
D
Q
L
H
H
H
L
HL
L
L
LX
Q0
H
X
X
Z
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
LE
SN54F373 ...J PACKAGE
SN74F373 ... DB, DW, OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
2D
2Q
3Q
3D
4D
SN54F373 . . . FK PACKAGE
(TOP VIEW)
8D
7D
7Q
6Q
6D
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F373N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F373N TI-SN74F373N Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74F373N TI1-SN74F373N Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
SN74F373N3 TI1-SN74F373N3 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
SN74F373NSR TI1-SN74F373NSR Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
More results

Similar Description - SN74F373N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com