Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1517ATW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA1517ATW
Description  8 W BTL or 2 x 4 W SE power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1517ATW Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1517ATW Datasheet HTML 1Page - NXP Semiconductors TDA1517ATW Datasheet HTML 2Page - NXP Semiconductors TDA1517ATW Datasheet HTML 3Page - NXP Semiconductors TDA1517ATW Datasheet HTML 4Page - NXP Semiconductors TDA1517ATW Datasheet HTML 5Page - NXP Semiconductors TDA1517ATW Datasheet HTML 6Page - NXP Semiconductors TDA1517ATW Datasheet HTML 7Page - NXP Semiconductors TDA1517ATW Datasheet HTML 8Page - NXP Semiconductors TDA1517ATW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2001 Apr 17
4
Philips Semiconductors
Product specification
8 W BTL or 2
× 4 W SE power amplifier
TDA1517ATW
PINNING
SYMBOL
PIN
DESCRIPTION
n.c.
1
not connected
n.c.
2
not connected
IN1+
3
non-inverting input 1
SGND
4
signal ground
SVRR
5
supply voltage ripple rejection
n.c.
6
not connected
n.c.
7
not connected
OUT1a
8
output 1a
OUT1b
9
output 1b
PGND1
10
power ground 1
PGND2
11
power ground 2
OUT2a
12
output 2a
OUT2b
13
output 2b
n.c.
14
not connected
VP1
15
supply voltage 1
VP2
16
supply voltage 2
MODE
17
mode select switch
IN2
18
inverting input 2
n.c.
19
not connected
n.c.
20
not connected
handbook, halfpage
TDA1517ATW
MGU302
1
2
3
4
5
6
7
8
9
10
n.c.
n.c.
IN1
+
SGND
SVRR
n.c.
n.c.
OUT1a
OUT1b
PGND1
n.c.
n.c.
IN2
MODE
VP2
VP1
n.c.
OUT2b
OUT2a
PGND2
20
19
18
17
16
15
14
13
12
11
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION
The TDA1517ATW contains two identical amplifiers with differential input stages. This device can be used for
Bridge-Tied Load (BTL) or Single-Ended (SE) applications. The gain of each amplifier is fixed at 20 dB. A special feature
of this device is the mode select switch. Since this pin has a very low input current (<40
µA), a low cost supply switch
can be used. With this switch the TDA1517ATW can be switched into three modes:
• Standby: low supply current
• Mute: input signal suppressed
• Operating: normal on condition.


Similar Part No. - TDA1517ATW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
More results

Similar Description - TDA1517ATW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
   2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TDF8591TH NXP-TDF8591TH Datasheet
234Kb / 34P
   2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
Rev. 01-5 March 2008
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com