Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2487CDEPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2487CDEPBF
Description  16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2487CDEPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2487CDEPBF Datasheet HTML 3Page - Linear Technology LTC2487CDEPBF Datasheet HTML 4Page - Linear Technology LTC2487CDEPBF Datasheet HTML 5Page - Linear Technology LTC2487CDEPBF Datasheet HTML 6Page - Linear Technology LTC2487CDEPBF Datasheet HTML 7Page - Linear Technology LTC2487CDEPBF Datasheet HTML 8Page - Linear Technology LTC2487CDEPBF Datasheet HTML 9Page - Linear Technology LTC2487CDEPBF Datasheet HTML 10Page - Linear Technology LTC2487CDEPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC2487

2487fa
INPUT DIFFERENTIAL VOLTAGE (V)
0.4
0.6
0.8
1.0
0.5
0.7
0.9
–1.5
–0.5
0.5
1.5
2487 G10
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
FO = GND
VIN(CM) (V)
–1
0.8
0.9
1.0
2
4
2487 G11
0.7
0.6
0
1
3
5
6
0.5
0.4
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
FO = GND
GAIN = 256
TEMPERATURE (
°C)
–45
0.4
0.5
0.6
0.7
0.8
1.0
–30 –15
15
0
30 45 60
2487 G12
75 90
0.9
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
FO = GND
GAIN = 256
VCC (V)
2.7
0.8
0.9
1.0
3.9
4.7
2487 G13
0.7
0.6
3.1
3.5
4.3
5.1
5.5
0.5
0.4
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
GAIN = 256
VREF (V)
0
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
2
3
4
2487 G14
5
VCC = 5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
GAIN = 256
VIN(CM) (V)
–1
0.1
0.2
0.3
2
4
2487 G15
0
–0.1
0
1
3
5
6
–0.2
–0.3
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
FO = GND
TEMPERATURE (
°C)
–45
–0.3
–0.2
0
0.1
0.2
–15
15 30
90
2487 G16
–0.1
–30
0
45 60 75
0.3
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
FO = GND
VCC (V)
2.7
0.1
0.2
0.3
3.9
4.7
2487 G17
0
–0.1
3.1
3.5
4.3
5.1
5.5
–0.2
–0.3
REF+ = 2.5V
REF= GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
VREF (V)
0
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
1
2
3
4
2487 G18
5
VCC = 5V
REF= GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
Typical perForMance characTerisTics
RMS Noise
vs Input Differential Voltage
RMS Noise vs VIN(CM)
RMS Noise vs Temperature (TA)
RMS Noise vs VCC
RMS Noise vs VREF
Offset Error vs VIN(CM)
Offset Error vs Temperature
Offset Error vs VCC
Offset Error vs VREF


Similar Part No. - LTC2487CDEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2487 LINER-LTC2487 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2487 LINER-LTC2487 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTC2487 AD-LTC2487 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC2487 LINER-LTC2487_15 Datasheet
792Kb / 34P
   16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
More results

Similar Description - LTC2487CDEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2487 LINER-LTC2487_15 Datasheet
792Kb / 34P
   16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
LTC2495 LINER-LTC2495_15 Datasheet
570Kb / 34P
   16-Bit 8-/16-Channel ADC with PGA, Easy Drive and I2C Interface
LTC2495 LINER-LTC2495 Datasheet
565Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with PGA, Easy Drive and I2C Interface
LTC2489 LINER-LTC2489 Datasheet
328Kb / 24P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2489 LINER-LTC2489_15 Datasheet
383Kb / 26P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2486 LINER-LTC2486_15 Datasheet
495Kb / 36P
   16-Bit 2-/4-Channel ADC with PGA and Easy Drive Input Current Cancellation
LTC2486 LINER-LTC2486 Datasheet
604Kb / 36P
   16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2493 LINER-LTC2493_15 Datasheet
544Kb / 32P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2493 LINER-LTC2493 Datasheet
575Kb / 32P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com