Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA1516CQ Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA1516CQ
Description  24 W BTL car radio power amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1516CQ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1516CQ Datasheet HTML 2Page - NXP Semiconductors TDA1516CQ Datasheet HTML 3Page - NXP Semiconductors TDA1516CQ Datasheet HTML 4Page - NXP Semiconductors TDA1516CQ Datasheet HTML 5Page - NXP Semiconductors TDA1516CQ Datasheet HTML 6Page - NXP Semiconductors TDA1516CQ Datasheet HTML 7Page - NXP Semiconductors TDA1516CQ Datasheet HTML 8Page - NXP Semiconductors TDA1516CQ Datasheet HTML 9Page - NXP Semiconductors TDA1516CQ Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
July 1994
6
Philips Semiconductors
Product specification
24 W BTL car radio power amplifier
TDA1516CQ
DC CHARACTERISTICS
VP = 14.4 V; Tamb = 25 °C; unless otherwise specified. See note 1.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
positive supply voltage range
note 2
6.0
14.4
18
V
IP
quiescent current
40
80
mA
VO
DC output voltage
note 3
6.8
V
∆Vos
DC output offset voltage (pins 5 and 9)
−−
100
mV
Mute/stand-by switch
Vsw
switch-on voltage level
8.5
−−
V
MUTE CONDITION
Vmute
mute voltage
3.3
6.4
V
VO
output signal in mute position
VI = 1 V (max);
−−
2mV
f = 20 Hz to10 kHz
∆V
os
DC output offset voltage (pins 5 and 9)
−−
100
mV
STAND-BY CONDITION
Vsb
stand-by voltage
0
2V
Isb
DC standby current
V11 ≤ 0.5 V
−−
100
µA
0.5 < V11 ≤ 2 V
−−
500
µA
Isw
switch-on current
V11 ≤ V10; note 4
25
60
µA
IP
supply current
short-circuit to GND; note 5
5.5
mA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn