Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC2351-14 Datasheet(PDF) 6 Page - Linear Technology

Part No. LTC2351-14
Description  Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2351-14 Datasheet(HTML) 6 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC2351-14
235114f
Full Scale Signal Response
VDD = 3V, TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
CMRR vs Frequency
FREQUENCY (MHz)
–24
–27
–21
–12
–15
–18
–9
–6
–3
0
3
100
1000
235114 G10
–30
10
235114 G11
FREQUENCY (Hz)
–100
–60
–20
–40
–80
0
10k
100k
1M
10M 100M 1G
–120
100
1k
PSRR vs Frequency
Crosstalk vs Frequency
235114 G12
FREQUENCY (Hz)
–100
–60
–20
–40
–80
0
10k
100k
1M
10M 100M 1G
–120
100
1k
235114 G13
FREQUENCY (Hz)
–100
–60
–20
–40
–80
0
10k
100k
1M
10M 100M 1G
–120
100
1k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn