Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2205UK-14 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2205UK-14
Description  14-Bit, 65Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2205UK-14 Datasheet(HTML) 3 Page - Linear Technology

  LTC2205UK-14 Datasheet HTML 1Page - Linear Technology LTC2205UK-14 Datasheet HTML 2Page - Linear Technology LTC2205UK-14 Datasheet HTML 3Page - Linear Technology LTC2205UK-14 Datasheet HTML 4Page - Linear Technology LTC2205UK-14 Datasheet HTML 5Page - Linear Technology LTC2205UK-14 Datasheet HTML 6Page - Linear Technology LTC2205UK-14 Datasheet HTML 7Page - Linear Technology LTC2205UK-14 Datasheet HTML 8Page - Linear Technology LTC2205UK-14 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2205-14
3
220514fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN
+ AIN–)
3.135V ≤ VDD ≤ 3.465V
1.5 to 2.25
VP-P
VIN, CM
Analog Input Common Mode
Differential Input (Note 7)
1
1.25
1.5
V
IIN
Analog Input Leakage Current
0V ≤ AIN
+, AIN– ≤ VDD
–1
1
µA
ISENSE
SENSE Input Leakage Current
0V ≤ SENSE ≤ VDD
–3
3
µA
IMODE
MODE Pin Pull-Down Current to GND
10
µA
CIN
Analog Input Capacitance
Sample Mode ENC+ < ENC
6.5
pF
Hold Mode ENC+ > ENC
1.8
pF
tAP
Sample-and-Hold
0.7
ns
Aperature Delay Time
tJITTER
Sample-and-Hold
90
fsRMS
Aperature Delay Time Jitter
CMRR
Analog Input
1V < (AIN
+ = AIN–) <1.5V
60
dB
Common Mode Rejection Ratio
BW-3dB
Full Power Bandwidth
700
MHz
ANALOG INPUT
DYNAMIC ACCURACY
The denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
The denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
78.3
76.0
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
76.8
77.2
78.2
78.2
76.0
dBFS
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
70MHz Input (1.5V Range, PGA = 1)
74.2
74.7
77.7
75.7
dBFS
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
76.4
74.9
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
75.6
74.2
dBFS
dBFS
SFDR
Spurious Free Dynamic Range
2nd or 3rd Harmonic
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
98
98
dBc
dBc
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (2.25V Range, PGA = 0
15MHz Input (1.5V Range, PGA = 1)
85
86
98
98
98
dBc
dBc
dBc
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
70MHz Input (1.5V Range, PGA = 1)
82
83
90
92
92
dBc
dBc
dBc
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
88
90
dBc
dBc
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
80
82
dBc
dBc


Similar Part No. - LTC2205UK-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2205UK LINER-LTC2205UK Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
More results

Similar Description - LTC2205UK-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
logo
Maxim Integrated Produc...
MAX12553 MAXIM-MAX12553 Datasheet
1Mb / 28P
   14-Bit, 65Msps, 3.3V ADC
Rev 0; 8/04
logo
Linear Technology
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
LTC1742 LINER-LTC1742_15 Datasheet
577Kb / 20P
   14-Bit, 65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19515 MAXIM-MAX19515 Datasheet
340Kb / 35P
   Dual-Channel, 10-Bit, 65Msps ADC
Rev 1; 10/08
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com