Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1388TZ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1388TZ
Description  Bitstream continuous calibration filter-DAC for CD-ROM audio applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1388TZ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1388TZ Datasheet HTML 3Page - NXP Semiconductors TDA1388TZ Datasheet HTML 4Page - NXP Semiconductors TDA1388TZ Datasheet HTML 5Page - NXP Semiconductors TDA1388TZ Datasheet HTML 6Page - NXP Semiconductors TDA1388TZ Datasheet HTML 7Page - NXP Semiconductors TDA1388TZ Datasheet HTML 8Page - NXP Semiconductors TDA1388TZ Datasheet HTML 9Page - NXP Semiconductors TDA1388TZ Datasheet HTML 10Page - NXP Semiconductors TDA1388TZ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1995 Dec 08
7
Philips Semiconductors
Objective specification
Bitstream continuous calibration filter-DAC
for CD-ROM audio applications
TDA1388T
STATIC-PIN MODE
In the static-pin mode most of the features have a default
value (see Table 3). The features that are controlled by the
external pins are, mute left channel, mute right channel
and de-emphasis.
Table 4
External pin feature control in the static-pin
mode
MICROCONTROLLER MODE
The exchange of data and control information between the
microcontroller and the TDA1388T is accomplished
through a serial hardware interface comprising the
following pins;
APPL0: microcontroller interface data line.
APPL1: microcontroller interface mode line.
APPL2: microcontroller interface clock line.
Information transfer through the microcontroller bus is
organized in accordance with the so-called ‘L3’ format, in
which two different modes of operation can be
distinguished; address mode and data transfer mode (see
Figs 4 and 5).
The address mode is required to select a device
communicating via the L3-bus and to define the
destination registers for the data transfer mode. Data
transfer for the TDA1388T can only be in one direction,
input to the TDA1388T to program its sound processing
and other functional features.
Address mode
The address mode is used to select a device for
subsequent data transfer and to define the destination
registers. The address mode is characterized by APPL1
being LOW and a burst of 8 pulses on APPL2,
accompanied by 8 data bits. The fundamental timing is
shown in Fig.4. Data bits 0 to 1 indicate the type of the
subsequent data transfer as shown in Table 5.
PIN
FEATURE
APPL0
mute left channel
APPL1
mute right channel
APPL2
de-emphasis
Table 5
Selection of data transfer
Data bits 7 to 2 represent a 6-bit device address, with bit 7
being the MSB and bit 2 the LSB. The address of the
TDA1388T is 000101 (bit 7 to bit 2). In the event that the
TDA1388T receives a different address, it will deselect its
microcontroller interface logic.
Data transfer mode
The selection preformed in the address mode remains
active during subsequent data transfers, until the
TDA1388T receives a new address command. The
fundamental timing of data transfers is essentially the
same as in the address mode, shown in Fig.4. The
maximum input clock and data rate is 64fs. All transfers are
bitwise, i.e. they are based on groups of 8 bits. Data will be
stored in the TDA1388T after the eighth bit of a byte has
been received. A multibyte transfer is illustrated in Fig.6.
Programming the sound processing and other features
The sound processing and other feature values are stored
in independent registers. The first selection of the registers
is achieved by the choice of data type that is transferred.
This is performed in the address mode, BIT 1 and BIT 0
(see Table 5). The second selection is performed by the
2 MSBs of the data byte (BIT 7 and BIT 6). The other bits
in the data byte (BIT 5 to BIT 0) is the value that is placed
in the selected registers.
When the data transfer of type “data” is selected, the
features VOLUME_R, VOLUME_L, BASS BOOST and
TREBLE can be controlled. When the data transfer of type
“status” is selected, the features MODE, DE-EMPHASIS,
CHANNEL_MANIP_R and CHANNEL_MANIP_L can be
controlled.
BIT 1
BIT 0
TRANSFER
0
0
data (volume left, volume right, bass
boost and treble)
0
1
not used
1
0
status (de-emphasis, mode and
channel-manipulation)
1
1
not used
Table 6
Data transfer of type “status”
BIT 7
BIT6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REGISTER SELECTED
0
M1
M0
DE
OR1
OR0
OL1
OL0
MODE (1 : 0), DEEMPHASIS, CHANNEL_MA-
NIP_R (1 : 0), CHANNEL_MANIP_L (1 : 0)


Similar Part No. - TDA1388TZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results

Similar Description - TDA1388TZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com