Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9984 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9984
Description  SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9984 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9984 Datasheet HTML 3Page - Maxim Integrated Products MAX9984 Datasheet HTML 4Page - Maxim Integrated Products MAX9984 Datasheet HTML 5Page - Maxim Integrated Products MAX9984 Datasheet HTML 6Page - Maxim Integrated Products MAX9984 Datasheet HTML 7Page - Maxim Integrated Products MAX9984 Datasheet HTML 8Page - Maxim Integrated Products MAX9984 Datasheet HTML 9Page - Maxim Integrated Products MAX9984 Datasheet HTML 10Page - Maxim Integrated Products MAX9984 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RF-TO-IF ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
1000
900
800
35
40
45
50
55
60
30
700
1100
TC = +85
°C TC = -25°C
TC = -40
°C
TC = +25
°C
RF-TO-IF ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
1000
900
800
35
40
45
50
55
60
30
700
1100
PLO = -3dBm, 0dBm, +3dBm
RF-TO-IF ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
1000
900
800
35
40
45
50
55
60
30
700
1100
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V
RF PORT RETURN LOSS
vs. RF FREQUENCY
RF FREQUENCY (MHz)
1000
900
800
25
20
15
10
5
0
30
700
1100
PLO = -3dBm, 0dBm, +3dBm
IF PORT RETURN LOSS
vs. IF FREQUENCY
IF FREQUENCY (MHz)
200
100
150
250
300
25
20
15
10
5
0
30
50
350
VCC = 4.75V, 5.0V, 5.25V
40
0
50
30
20
10
540
640
840
740
940
LO SELECTED RETURN LOSS
vs. LO FREQUENCY
LO FREQUENCY (MHz)
PLO = -3dBm
PLO = 0dBm
PLO = +3dBm
Typical Operating Characteristics (continued)
(MAX9984 Typical Application Circuit, using component values in Table 1, VCC = +5.0V, PLO = 0dBm, PRF = -5dBm, fRF > fLO, fIF =
160MHz, unless otherwise noted.)
SiGe High-Linearity, 400MHz to 1000MHz
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
7
25
0
30
20
15
5
10
540
640
840
740
940
LO UNSELECTED RETURN LOSS
vs. LO FREQUENCY
LO FREQUENCY (MHz)
PLO = -3dBm, 0dBm, +3dBm
220
210
240
200
230
-40
-15
10
35
85
60
SUPPLY CURRENT
vs. TEMPERATURE (TC)
TEMPERATURE (°C)
VCC = 4.75V
VCC = 5.0V
VCC = 5.25V


Similar Part No. - MAX9984

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9984 MAXIM-MAX9984 Datasheet
268Kb / 9P
   Fully Assembled and Tested
Rev 0; 6/05
MAX9984EVKIT MAXIM-MAX9984EVKIT Datasheet
268Kb / 9P
   Fully Assembled and Tested
Rev 0; 6/05
More results

Similar Description - MAX9984

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX19985A MAXIM-MAX19985A Datasheet
1Mb / 23P
   Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/08
MAX9985 MAXIM-MAX9985 Datasheet
216Kb / 15P
   Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/07
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
MAX2031 MAXIM-MAX2031_09 Datasheet
1Mb / 20P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09
MAX2032 MAXIM-MAX2032 Datasheet
1Mb / 19P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 0; 9/09
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9986 MAXIM-MAX9986 Datasheet
1Mb / 12P
   SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com