Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1388 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1388
Description  Bitstream continuous calibration filter-DAC for CD-ROM audio applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1388 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1388 Datasheet HTML 4Page - NXP Semiconductors TDA1388 Datasheet HTML 5Page - NXP Semiconductors TDA1388 Datasheet HTML 6Page - NXP Semiconductors TDA1388 Datasheet HTML 7Page - NXP Semiconductors TDA1388 Datasheet HTML 8Page - NXP Semiconductors TDA1388 Datasheet HTML 9Page - NXP Semiconductors TDA1388 Datasheet HTML 10Page - NXP Semiconductors TDA1388 Datasheet HTML 11Page - NXP Semiconductors TDA1388 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1996 Jul 17
8
Philips Semiconductors
Objective specification
Bitstream continuous calibration filter-DAC
for CD-ROM audio applications
TDA1388
Table 7
Data transfer of type ‘data’
Note
1. X = don’t care.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REGISTER SELECTED
0
0
VR5
VR4
VR3
VR2
VR1
VR0
VOLUME_R (5 : 0)
0
1
VL5
VL4
VL3
VL2
VL1
VL0
VOLUME_L (5 : 0)
10
X(1)
BB4
BB3
BB2
BB1
BB0
BASS BOOST (4 : 0)
11
X(1)
TR4
TR3
TR2
TR1
TR0
TREBLE (4 : 0)
MODE: a 2-bit value to program the mode of the sound
processing filters of Bass Boost and Treble. There are
three modes: flat, min and max.
Table 8
The flat/min/max switch
MODE 1
MODE 0
FUNCTION
0
0
flat
0
1
min
1
0
min
1
1
max
DE-EMPHASIS: a 1-bit value to enable the digital
de-emphasis filter.
Table 9
De-emphasis
DEEM
FUNCTION
0
no de-emphasis
1
de-emphasis, 44.1 kHz
CHANNEL_MANIP_R and CHANNEL_MANIP_L: both are a 2 bit value to program the right or left channel manipulation.
Table 10 Channel manipulation modes
CHANNEL_MANIP_L<1 : 0>
CHANNEL_MANIP_R<1 : 0>
L_CHANNEL
R_CHANNEL
00
00
MUTE
MUTE
00
01
MUTE
R
00
10
MUTE
L
00
11
MUTE
1
2(L+R)
01
00
R
MUTE
01
01
R
R
01
10
R
L
01
11
R
1
2(L+R)
10
00
L
MUTE
10
01
L
R
10
10
L
L
10
11
L
1
2(L+R)
11
00
1
2(L + R)
MUTE
11
01
1
2(L + R)
R
11
10
1
2(L + R)
L
11
11
1
2(L + R)
1
2(L+R)


Similar Part No. - TDA1388

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1388TZ PHILIPS-TDA1388TZ Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
More results

Similar Description - TDA1388

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com