Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1315 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA1315
Description  Digital audio input/output circuit DAIO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1315 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA1315 Datasheet HTML 6Page - NXP Semiconductors TDA1315 Datasheet HTML 7Page - NXP Semiconductors TDA1315 Datasheet HTML 8Page - NXP Semiconductors TDA1315 Datasheet HTML 9Page - NXP Semiconductors TDA1315 Datasheet HTML 10Page - NXP Semiconductors TDA1315 Datasheet HTML 11Page - NXP Semiconductors TDA1315 Datasheet HTML 12Page - NXP Semiconductors TDA1315 Datasheet HTML 13Page - NXP Semiconductors TDA1315 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
1995 Jul 17
10
Philips Semiconductors
Product specification
Digital audio input/output circuit (DAIO)
TDA1315H
Whenever MUTE is activated in any of the transmit modes, the audio data of the IEC output signal will be muted and the
validity bit set to logic 0, regardless of the INVALID input value. When SDAUX is selected, MUTE will also affect the
output at pin SD.
Table 2
Summary of validity and muting in the transmit mode
Note
1. X = don’t care.
INPUT CONDITIONS(1)
IEC OUTPUT SIGNAL
MUTE ACTIVATED
SDAUX SELECTED
INVALID INPUT
VALIDITY BIT
AUDIO BITS
No
no
0
0
from SD
No
no
1
1
from SD
No
yes
X
0
from SDAUX
Yes
X
X
0
0
NON-AUDIO SECTION
In the non-audio section, the first 30 channel status bits
are taken from each block of data. A selection of 16 bits is
then assembled as two bytes and transferred to the user
interface. In the event of an incorrect IEC signal, i.e. no
consumer mode, an error will be flagged at pin CHMODE.
The error signal will return to its passive state after a full
block of consumer mode data has been received. The user
data bits are searched for the beginning of a ‘message’
(see Section “User data”), which is then stored bytewise in
a buffer that can be read by an external microcontroller via
the user interface. In the transmit mode, channel status
and user data bits are taken from an internal buffer that
has been written to by an external microcontroller via the
user interface. These bits are required for frame
composition in the biphase modulator.
The non-audio section supports only the consumer mode
of the
“IEC 958” specification and handles the channel
status and user data information.
The non-audio section can be operated in the stand-alone
mode (receive only) and the host mode (transmit/receive).
In the stand-alone mode, a few bits from the channel
status are brought out to pins, the user data is not
available. In the host mode, channel status and user data
are exchanged using a microcontroller. After a RESET in
the host mode, the TDA1315H provides general format by
default.
Channel status
The channel status consists of 30 bits, a number of which
are reserved for future standardization. The 16 most
significant bits (MSBs), arranged as two bytes, are
exchanged using an external microcontroller. The
mapping of the channel status bits into these two bytes is
given in Tables 3 and 4. All SCMS operations (Serial Copy
Management System) will be performed in the
microcontroller and no manipulation in the TDA1315H is
possible. Bit 0 is always the first bit on the user interface.
In the receive mode, an error signal is generated at pin
CHMODE if a professional mode signal is received. Even
then, two bytes of information, mapped as defined in
Tables 3 and 4, are generated for output. Although there
are two bytes of channel status available for output, only
the first byte can be read. To identify future modes of the
channel status, both mode bits (bits 6 and 7 in the channel
status) are available (inverted) from the TDA1315H status
register. The channel status is created from the left
channel subframes of the IEC signal (preambles ‘B’
and ‘M’).
Whenever the channel status, as defined in
Tables 3 and 4 (16 bits), differs from the previously
received channel status, a bit will be set in the TDA1315H
status register. This helps to reduce the data traffic by
enabling the microcontroller to read the channel status
only after it has changed.
In the transmit mode, the microcontroller supplies
consumer mode (Mode 0) channel status data as
described in Table 3. Both bytes need to be transferred.


Similar Part No. - TDA1315

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results

Similar Description - TDA1315

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7274 PHILIPS-SAA7274 Datasheet
106Kb / 16P
   Audio Digital Input Circuit ADIC
July 1991
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
   Digital audio processing circuit
logo
Texas Instruments
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
logo
ON Semiconductor
ONA10IV ONSEMI-ONA10IV Datasheet
637Kb / 29P
   16 Watt Digital Input Class-D Audio Amplifier with Speaker Sense Digital Output
April, 2018 ??Rev. 0
logo
Festo Corporation.
8086603 FESTO-8086603 Datasheet
91Kb / 2P
   Digital input/output module
logo
Analog Devices
AN-535 AD-AN-535 Datasheet
339Kb / 8P
   Digital Input/Output Subsystems
logo
Shenzhen Titan Micro El...
TM2314 TITAN-TM2314 Datasheet
1Mb / 12P
   Digital Control Audio Processing Circuit
logo
Festo Corporation.
8086601 FESTO-8086601 Datasheet
92Kb / 2P
   Digital input/output module
logo
Shenzhen Titan Micro El...
TM2313 TITAN-TM2313 Datasheet
706Kb / 14P
   Digital Control Audio Processing Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com