Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2620 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2620
Description  10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2620 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2620_02 Datasheet HTML 2Page - Maxim Integrated Products MAX2620_02 Datasheet HTML 3Page - Maxim Integrated Products MAX2620_02 Datasheet HTML 4Page - Maxim Integrated Products MAX2620_02 Datasheet HTML 5Page - Maxim Integrated Products MAX2620_02 Datasheet HTML 6Page - Maxim Integrated Products MAX2620_02 Datasheet HTML 7Page - Maxim Integrated Products MAX2620_02 Datasheet HTML 8Page - Maxim Integrated Products MAX2620_02 Datasheet HTML 9Page - Maxim Integrated Products MAX2620_02 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
10MHz to 1050MHz Integrated
RF Oscillator with Buffered Outputs
6
_______________________________________________________________________________________
_______________________________________________________________Pin Description
NAME
FUNCTION
PIN
3
FDBK
Oscillator Feedback Circuit Connection. Connecting capacitors of the appropriate value between FDBK and
TANK and between FDBK and GND tunes the oscillator’s reflection gain (negative resistance) to peak at the
desired oscillation frequency. Refer to the Applications Information section.
2
TANK
Oscillator Tank Circuit Connection. Refer to the Applications Information section.
1
VCC1
Oscillator DC Supply Voltage. Decouple VCC1 with 1000pF capacitor to ground. Use a capacitor with low
series inductance (size 0805 or smaller). Further power-supply decoupling can be achieved by adding a
10
Ω resistor in series from VCC1 to the supply. Proper power-supply decoupling is critical to the low noise
and spurious performance of any oscillator.
8
OUT
Open-Collector Output Buffer. Requires external pull-up to the voltage supply. Pull-up can be resistor,
choke, or inductor (which is part of a matching network). The matching-circuit approach provides the high-
est-power output and greatest efficiency. Refer to Table 1 and the Applications Information section. OUT
can be used with OUT in a differential output configuration.
7
VCC2
Output Buffer DC Supply Voltage. Decouple VCC2 with a 1000pF capacitor to ground. Use a capacitor with
low series inductance (size 0805 or smaller).
6
GND
Ground Connection. Provide a low-inductance connection to the circuit ground plane.
5
OUT
Open-Collector Output Buffer (complement). Requires external pull-up to the voltage supply. Pull-up can be
resistor, choke, or inductor (which is part of a matching network). The matching-circuit approach provides
the highest-power output and greatest efficiency. Refer to Table 1 and the Applications Information section.
OUT can be used with OUT in a differential output configuration.
4
SHDN
Logic-Controlled Input. A low level turns off the entire circuitry such that the IC will draw only leakage current
at its supply pins. This is a high-impedance input.
_____________________________Typical Operating Characteristics (continued)
(Typical Operating Circuit, VCC = +3.0V, VTUNE = 1.5V, SHDN = VCC, load at OUT = 50
Ω, load at OUT = 50Ω, L1 = coaxial ceramic
resonator: Trans-Tech SR8800LPQ1357BY, C6 = 1pF, TA = +25°C, unless otherwise noted.)
-114
-112
-110
-108
-106
-104
-40
-20
0
20
40
60
80
PHASE NOISE vs. TEMPERATURE
TEMPERATURE (°C)
SSB @
∆f = 25kHz
L1 = 5nH INDUCTOR
C6 = 1.5pF
L1 = COAXIAL CERAMIC RESONATOR
(TRANS-TECH SR8800LPQ1357BY)
C6 = 1pF
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1.3
2.6
3.9
5.2
6.5
OUTPUT SPECTRUM
FUNDAMENTAL NORMALIZED TO 0dB
FREQUENCY (GHz)
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
0.1
10
1000
100
SINGLE SIDEBAND PHASE NOISE
OFFSET FREQUENCY (kHz)
1
L1 = 5nH INDUCTOR
C6 = 1.5pF
L1 = COAXIAL
CERAMIC RESONATOR
(TRANS-TECH
SR8800LPQ1357BY)
C6 = 1pF


Similar Part No. - MAX2620_02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2620E/D MAXIM-MAX2620E/D Datasheet
105Kb / 12P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
19-1248; Rev 1; 5/98
MAX2620EUA MAXIM-MAX2620EUA Datasheet
105Kb / 12P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
19-1248; Rev 1; 5/98
MAX2620EVKIT MAXIM-MAX2620EVKIT Datasheet
55Kb / 4P
   Evaluation Kit
Rev 1; 5/98
MAX2620 MAXIM-MAX2620_1 Datasheet
55Kb / 4P
   Evaluation Kit
Rev 1; 5/98
More results

Similar Description - MAX2620_02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2620 MAXIM-MAX2620 Datasheet
105Kb / 12P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
19-1248; Rev 1; 5/98
logo
PhaseLink Corporation
PLL600-27M PLL-PLL600-27M Datasheet
192Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
logo
Maxim Integrated Produc...
MAX2471EUT MAXIM-MAX2471EUT Datasheet
120Kb / 8P
   10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs
Rev 0; 2/99
MAX2470 MAXIM-MAX2470 Datasheet
115Kb / 8P
   10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs
19-4797; Rev 0; 2/99
logo
Abracon Corporation
ABX0027M ABRACON-ABX0027M Datasheet
54Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
logo
Intersil Corporation
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210 INTERSIL-HA7210 Datasheet
127Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
February 1999
logo
PhaseLink Corporation
PLL600-27T-37T PLL-PLL600-27T-37T Datasheet
196Kb / 4P
   Low Power 3 Outputs XO 10MHz to 52MHz
logo
Abracon Corporation
ABX0027T ABRACON-ABX0027T Datasheet
50Kb / 4P
   Low Power 3 Outputs XO 10MHz to 52MHz
03/21/05
logo
TAI-SAW TECHNOLOGY CO.,...
TW0471A TAI-SAW-TW0471A Datasheet
119Kb / 7P
   SMD 7.0x5.0 10MHz Crystal Oscillator
REV. NO: 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com