Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C440C689Z1U5CA Datasheet(PDF) 3 Page - Kemet Corporation

Part # C440C689Z1U5CA
Description  Ceramic Leaded Capacitors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C440C689Z1U5CA Datasheet(HTML) 3 Page - Kemet Corporation

  C440C689Z1U5CA Datasheet HTML 1Page - Kemet Corporation C440C689Z1U5CA Datasheet HTML 2Page - Kemet Corporation C440C689Z1U5CA Datasheet HTML 3Page - Kemet Corporation C440C689Z1U5CA Datasheet HTML 4Page - Kemet Corporation C440C689Z1U5CA Datasheet HTML 5Page - Kemet Corporation C440C689Z1U5CA Datasheet HTML 6Page - Kemet Corporation C440C689Z1U5CA Datasheet HTML 7Page - Kemet Corporation C440C689Z1U5CA Datasheet HTML 8Page - Kemet Corporation C440C689Z1U5CA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
3
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Multilayer ceramic capacitors are available in a
variety of physical sizes and configurations, including
leaded devices and surface mounted chips. Leaded
styles include molded and conformally coated parts
with axial and radial leads. However, the basic
capacitor element is similar for all styles. It is called a
chip and consists of formulated dielectric materials
which have been cast into thin layers, interspersed
with metal electrodes alternately exposed on opposite
edges of the laminated structure. The entire structure is
fired at high temperature to produce a monolithic
block which provides high capacitance values in a
small physical volume. After firing, conductive
terminations are applied to opposite ends of the chip to
make
contact
with
the
exposed
electrodes.
Termination materials and methods vary depending on
the intended use.
TEMPERATURE CHARACTERISTICS
Ceramic dielectric materials can be formulated with
a wide range of characteristics. The EIA standard for
ceramic dielectric capacitors (RS-198) divides ceramic
dielectrics into the following classes:
Class I: Temperature compensating capacitors,
suitable for resonant circuit application or other appli-
cations where high Q and stability of capacitance char-
acteristics are required. Class I capacitors have
predictable temperature coefficients and are not
effected by voltage, frequency or time. They are made
from materials which are not ferro-electric, yielding
superior stability but low volumetric efficiency. Class I
capacitors are the most stable type available, but have
the lowest volumetric efficiency.
Class II: Stable capacitors, suitable for bypass
or coupling applications or frequency discriminating
circuits where Q and stability of capacitance char-
acteristics are not of major importance. Class II
capacitors have temperature characteristics of ± 15%
or less. They are made from materials which are
ferro-electric, yielding higher volumetric efficiency but
less stability. Class II capacitors are affected by
temperature, voltage, frequency and time.
Class III: General purpose capacitors, suitable
for by-pass coupling or other applications in which
dielectric losses, high insulation resistance and
stability of capacitance characteristics are of little or
no importance. Class III capacitors are similar to Class
II capacitors except for temperature characteristics,
which are greater than ± 15%. Class III capacitors
have the highest volumetric efficiency and poorest
stability of any type.
KEMET leaded ceramic capacitors are offered in
the three most popular temperature characteristics:
C0G: Class I, with a temperature coefficient of 0 ±
30 ppm per degree C over an operating
temperature range of - 55°C to + 125°C (Also
known as “NP0”).
X7R: Class II, with a maximum capacitance
change of ± 15% over an operating temperature
range of - 55°C to + 125°C.
Z5U: Class III, with a maximum capacitance
change of + 22% - 56% over an operating tem-
perature range of + 10°C to + 85°C.
Specified electrical limits for these three temperature
characteristics are shown in Table 1.
SPECIFIED ELECTRICAL LIMITS
TEMPERATURE CHARACTERISTICS
PARAMETER
C0G
X7R
Z5U
Dissipation Factor: Measured at following conditions:
C0G — 1 kHz and 1 vrms if capacitance > 1000 pF
1 MHz and 1 vrms if capacitance
≤ 1000 pF
0.15%
2.5%
4.0%
X7R — 1 kHz and 1 vrms* or if extended cap range 0.5 vrms
Z5U — 1 kHz and 0.5 vrms
Dielectric Strength: 2.5 times rated DC voltage.
Pass Subsequent IR Test
Insulation Resistance (IR): At rated DC voltage,
1,000 M
Ω-µF
1,000 M
Ω-µF
1,000 M
Ω-µF
whichever of the two is smaller
or 100 G
or 100 G
or 10 G
Temperature Characteristics: Range, °C
-55 to +125
-55 to +125
+10 to +85
Capacitance Change without
0 ± 30 ppm/°C
±15%
+22%, -56%
DC voltage
* 1 MHz and 1 vrms if capacitance
≤ 100 pF on military product.
Table I


Similar Part No. - C440C689Z1U5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C440C104J1G5CA KEMET-C440C104J1G5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C440C104J1R5CA KEMET-C440C104J1R5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C440C104J1U5CA KEMET-C440C104J1U5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C440C104J5G5CA KEMET-C440C104J5G5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C440C104J5R5CA KEMET-C440C104J5R5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
More results

Similar Description - C440C689Z1U5CA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B182K-A-BZ TAIYO-YUDEN-UP050B182K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B273K-A-BZ TAIYO-YUDEN-UP050B273K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B474K-A-BZ TAIYO-YUDEN-UP050B474K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B563K-A-BZ TAIYO-YUDEN-UP050B563K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH331J-A-BZ TAIYO-YUDEN-UP025CH331J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com