Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C200DZRAC Datasheet(PDF) 5 Page - Kemet Corporation

Part # C0805C200DZRAC
Description  CERAMIC CHIP / HIGH VOLTAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C200DZRAC Datasheet(HTML) 5 Page - Kemet Corporation

  C0805C200DZRAC Datasheet HTML 1Page - Kemet Corporation C0805C200DZRAC Datasheet HTML 2Page - Kemet Corporation C0805C200DZRAC Datasheet HTML 3Page - Kemet Corporation C0805C200DZRAC Datasheet HTML 4Page - Kemet Corporation C0805C200DZRAC Datasheet HTML 5Page - Kemet Corporation C0805C200DZRAC Datasheet HTML 6Page - Kemet Corporation C0805C200DZRAC Datasheet HTML 7Page - Kemet Corporation C0805C200DZRAC Datasheet HTML 8Page - Kemet Corporation C0805C200DZRAC Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
KEMET offers Multilayer Ceramic Chip Capacitors
packaged in 8mm and 12mm plastic tape on 7" and
13" reels in accordance with EIA standard 481-1:
Taping of surface mount components for automatic
handling. This packaging system is compatible with all
tape fed automatic pick and place systems. See page 78
for details on reeling quantities for commercial chips
and page 87 for MIL-PRF-55681 chips.
CERAMIC CHIP CAPACITORS
Packaging Information
Tape & Reel Packaging
8mm ±.30
(.315 ±.012")
or
12mm ±.30
(.472 ±.012")
178mm (7.00")
or
330mm (13.00")
Anti-Static Reel
Embossed Carrier*
0402 and 0603 case sizes
available on punched paper only.
Embossment
Anti-Static Cover Tape
(.10mm (.004") Max Thickness)
Chip Orientation
in Pocket
(except 1825 Commercial, and 1825 & 2225 Military)
* Punched paper carrier used for 0402 and 0603 case size.
g
handling. This packaging system is compatible with all
tape fed automatic pick and place systems. See page 81
for details on reeling quantities for commercial chips
and page 90 for MIL-PRF-55681 chips.
KEMET
®
X
C
G
Z
Y
Grid
placement
courtyard
Z
2.14
2.78
3.30
4.50
4.50
5.90
5.90
7.00
7.00
G
0.28
0.68
0.70
1.50
1.50
2.30
2.30
3.30
3.30
X
0.74
1.08
1.60
2.00
2.90
3.70
6.90
5.50
6.80
Y(ref)
0.93
1.05
1.30
1.50
1.50
1.80
1.80
1.85
1.85
C(ref)
1.21
1.73
2.00
3.00
3.00
4.10
4.10
5.15
5.15
Z
3.18
3.70
4.90
4.90
G
0.68
0.70
1.50
1.50
X
0.80
1.10
1.40
2.00
Y(ref)
1.25
1.50
1.70
1.70
Smin
1.93
2.20
3.20
3.20
Wave Solder
Reflow Solder
Calculation Formula
Z = Lmin + 2Jt + Tt
G = Smax - 2Jh -Th
X = Wmin + 2Js + Ts
Tt, Th, Ts = Combined tolerances
0402
0603
0805
1206
1210
1812
1825
2220
2225
Dimension
Not Recommended
Not Recommended
C
X
Grid
Placement
Courtyard
G
Y
Z
SURFACE MOUNT LAND DIMENSIONS - CERAMIC CHIP CAPACITORS - MM
93


Similar Part No. - C0805C200DZRAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C200G5GACTU KEMET-C0805C200G5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C200J1GACTU KEMET-C0805C200J1GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 20 pF, /-5% Tol, 100 V, C0G, 0805 (2012 metric)
C0805C200J4GACTU KEMET-C0805C200J4GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 20 pF, /-5% Tol, 16 V, C0G, 0805 (2012 metric)
C0805C200J5GACAUTO KEMET-C0805C200J5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 20 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0805
C0805C200J5GACTU KEMET-C0805C200J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 20 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0805C200DZRAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C102KCRACTU KEMET-C1206C102KCRACTU Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
logo
Suntan Capacitors
TS18H SUNTAN-TS18H Datasheet
438Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
TS18H SUNTAN-TS18H_17 Datasheet
233Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
logo
Murata Manufacturing Co...
GA355XR7GB563KW06L MURATA-GA355XR7GB563KW06L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors (Medium Voltage)
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
logo
Suntan Capacitors
TS16 SUNTAN-TS16_17 Datasheet
330Kb / 2P
   HIGH VOLTAGE CERAMIC CAPACITOR
logo
TDK Electronics
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com