Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1227CN8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1227CN8
Description  140MHz Video Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1227CN8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1227CN8 Datasheet HTML 2Page - Linear Technology LT1227CN8 Datasheet HTML 3Page - Linear Technology LT1227CN8 Datasheet HTML 4Page - Linear Technology LT1227CN8 Datasheet HTML 5Page - Linear Technology LT1227CN8 Datasheet HTML 6Page - Linear Technology LT1227CN8 Datasheet HTML 7Page - Linear Technology LT1227CN8 Datasheet HTML 8Page - Linear Technology LT1227CN8 Datasheet HTML 9Page - Linear Technology LT1227CN8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1227
Settling Time to 10mV
vs Output Step
SUPPLY VOLTAGE (
±V)
0
4
5
7
8
9
14
11
4
8
10
18
LT1227 • TPC21
6
12
13
10
26
12
14
16
–55
°C
25
°C
125
°C
175
°C
Supply Current vs Supply Voltage
Differential Gain vs Frequency
Differential Phase vs Frequency
Output Impedance in Shutdown
vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
Test Circuit for 3rd Order Intercept
+
50
50
LT1227
1227 TC
75
680
PO
MEASURE INTERCEPT AT PO
Settling Time to 1mV
vs Output Step
FREQUENCY (Hz)
100k
0.06
0.02
0.01
0
1M
10M
100M
LT1227 • TPC24
0.03
0.05
0.04
VS = ±15V
AV = 2
RL = 1k
RF = 1k
RG = 1k
(VO)DC = 0.5V
1.0V
2.0V
FREQUENCY (Hz)
100k
0.30
0.10
0.05
0
1M
10M
100M
LT1227 • TPC23
0.15
0.20
0.25
(VO)DC = 0.5V
1.0V
1.5V
2.0V
VS = ±15V
AV = 2
RL = 1k
RF = 1k
RG = 1k
FREQUENCY (Hz)
100k
0.1
1
10
100
1M
10M
100M
LT1227 • TPC22
VS = ±15V
AV = 1
RF = 1.5k
FREQUENCY (MHz)
1
–70
–60
–50
–40
–30
–20
10
100
LT1227 • TPC25
VS = ±15V
VO = 2VP-P
RL = 100Ω
RF = 820Ω
AV = 10dB
2ND
3RD
3rd Order Intercept vs Frequency
FREQUENCY (MHz)
0
15
20
25
30
35
40
45
10
20
30
40
LT1227 • TPC26
50
60
VS = ±15V
RL = 100Ω
RF = 680Ω
RG = 75Ω
SETTLING TIME (
µs)
0
2
6
10
16
LT1227 • TPC20
–2
–6
–10
4
8
12
20
0
4
8
–4
–8
VS = ±15V
RF = RG = 1k
NONINVERTING
INVERTING
SETTLING TIME (ns)
0
2
6
10
80
LT1227 • TPC19
–2
–6
–10
20
40
60
100
0
4
8
–4
–8
VS = ±15V
RF = RG = 1k
NONINVERTING
INVERTING
CC
HARA TERISTICS
A
TYPICALPERFOR
CE


Similar Part No. - LT1227CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227CN8 LINER-LT1227CN8 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
More results

Similar Description - LT1227CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_15 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com