Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1222 Datasheet(PDF) 12 Page - Linear Technology

Part No. LT1222
Description  500MHz, 3nV/√Hz, AV 10 Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo LINER - Linear Technology

LT1222 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1222_07 Datasheet HTML 4Page - Linear Technology LT1222_07 Datasheet HTML 5Page - Linear Technology LT1222_07 Datasheet HTML 6Page - Linear Technology LT1222_07 Datasheet HTML 7Page - Linear Technology LT1222_07 Datasheet HTML 8Page - Linear Technology LT1222_07 Datasheet HTML 9Page - Linear Technology LT1222_07 Datasheet HTML 10Page - Linear Technology LT1222_07 Datasheet HTML 11Page - Linear Technology LT1222_07 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1222
1222fc
© LINEAR TECHNOLOGY CORPORATION 1992
LT 0507 REV C • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1220
45MHz, 250V/
μs Amplifier
Unity Gain Stable Version of the LT1222
LT1221
150MHz, 250V/
μs Amplifier
AV ≥ 4 Version of the LT1222


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn