Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL611S-28-XXXTIR Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PL611S-28-XXXTIR
Description  1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-28-XXXTIR Datasheet(HTML) 3 Page - PhaseLink Corporation

  PL611S-28-XXXTIR Datasheet HTML 1Page - PhaseLink Corporation PL611S-28-XXXTIR Datasheet HTML 2Page - PhaseLink Corporation PL611S-28-XXXTIR Datasheet HTML 3Page - PhaseLink Corporation PL611S-28-XXXTIR Datasheet HTML 4Page - PhaseLink Corporation PL611S-28-XXXTIR Datasheet HTML 5Page - PhaseLink Corporation PL611S-28-XXXTIR Datasheet HTML 6Page - PhaseLink Corporation PL611S-28-XXXTIR Datasheet HTML 7Page - PhaseLink Corporation PL611S-28-XXXTIR Datasheet HTML 8Page - PhaseLink Corporation PL611S-28-XXXTIR Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(Preliminary)PL611 s-28
1.8V-3.3V PicoPLL
TM, World’s Smallest Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 3/9/07 Page 3
FUNCTIONAL DESCRIPTION
PL611s-28 is a highly featured, very flexible, advanced programmable PLL design for high performance, low-
power, small form-factor applications. The PL611s-28 accepts a fundamental input crystal of 10MHz to 50MHz or
reference clock input of 1MHz to 200MHz and is capable of producing two outputs up to 125MHz. This flexible
design allows the PL611s-28 to deliver any PLL generated frequency, FREF (Crystal or Ref Clk) frequency or FREF
/(2*P) to CLK0 and/or CLK1. Some of the design features of the PL611s-28 are mentioned below:
PLL Programming
The PLL in the PL611s-28 is fully programmable.
The PLL is equipped with an 8-bit input frequency
divider (R-Counter), and an 11-bit VCO frequency
feedback loop divider (M-Counter). The output of
the PLL is transferred to a 5-bit post VCO divider (P-
Counter). The output frequency is determined by
the following formula [FOUT = FREF * M / (R * P) ].
Clock Output (CLK0)
CLK0 is the main clock output. The output of CLK0
can be configured as the PLL output (FVCO/(2*P)),
FREF (Crystal or Ref Clk Frequency) output, or
FREF/(2*P) output.
Clock Output (CLK1)
The CLK1 feature allows the PL611s-28 to have an
additional clock output. This output can be
programmed to one of the following:
FREF - Reference (Crystal or Ref Clk) Frequency
FREF / 2
CLK0
CLK0 / 2
The output drive level can be programmed to Low
Drive (4mA), Standard Drive (8mA) or High Drive
(16mA) for each clock independently. The maximum
output frequency is 125MHz.
Output Enable (OE)
The Output Enable feature allows the user to enable
and disable the clock output(s) by toggling the OE
pin. The OE pin incorporates a 60k
pull up
resistor giving a default condition of logic “1”.
The OE feature can be programmed to allow the
output to float (Hi Z), or to operate in the ‘Active low’
mode.
Power-Down Control (PDB)
The Power Down (PDB) feature allows the user to
put the PL611s-28 into “Sleep Mode”. When
activated (logic ‘0’), PDB ‘Disables the PLL, the
oscillator circuitry, counters, and all other active
circuitry. In Power Down mode the IC consumes
<10 A of power. The PDB pin incorporates a 60k
pull up resistor giving a default condition of logic “1”.
The PDB feature can be programmed to allow the
output to float (Hi Z), or to operate in the ‘Active low’
mode.
Frequency Select (FSEL)
The Frequency Select (FSEL) feature allows the
PL611s-28 to switch between two pre-programmed
outputs allowing the device “On the Fly” frequency
switching. The FSEL pin incorporates a 60k
pull
up resistor giving a default condition of logic “1”.


Similar Part No. - PL611S-28-XXXTIR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGC PLL-PL611S-26-XXXGC Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGC-R PLL-PL611S-26-XXXGC-R Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGCR PLL-PL611S-26-XXXGCR Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGI PLL-PL611S-26-XXXGI Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
More results

Similar Description - PL611S-28-XXXTIR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
PhaseLink Corporation
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com