Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1221MJ8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1221MJ8
Description  150MHz, 250V/ms, A 4 Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1221MJ8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1221MJ8 Datasheet HTML 4Page - Linear Technology LT1221MJ8 Datasheet HTML 5Page - Linear Technology LT1221MJ8 Datasheet HTML 6Page - Linear Technology LT1221MJ8 Datasheet HTML 7Page - Linear Technology LT1221MJ8 Datasheet HTML 8Page - Linear Technology LT1221MJ8 Datasheet HTML 9Page - Linear Technology LT1221MJ8 Datasheet HTML 10Page - Linear Technology LT1221MJ8 Datasheet HTML 11Page - Linear Technology LT1221MJ8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1221
N8 1098
0.100
(2.54)
BSC
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.020
(0.508)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
PACKAGE DESCRIPTIO
N8 Package
8-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)


Similar Part No. - LT1221MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1221MJ8 LINER-LT1221MJ8 Datasheet
292Kb / 8P
   150MHz Operational Amplifier
More results

Similar Description - LT1221MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1220 LINER-LT1220_01 Datasheet
262Kb / 12P
   45MHz, 250V/ms Operational Amplifier
LT1221 LINER-LT1221 Datasheet
292Kb / 8P
   150MHz Operational Amplifier
logo
Intersil Corporation
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Renesas Technology Corp
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
   150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Linear Technology
LT1220 LINER-LT1220 Datasheet
290Kb / 8P
   45MHz, 250V/us Operational Amplifier
logo
Intersil Corporation
HA-2548 INTERSIL-HA-2548 Datasheet
812Kb / 9P
   150MHz, High Slew Rate, Precision Operational Amplifier
HA-5190 INTERSIL-HA-5190 Datasheet
88Kb / 8P
   150MHz, Fast Settling Operational Amplifiers
September 1998
logo
Linear Technology
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
logo
Intersil Corporation
EL2071 INTERSIL-EL2071 Datasheet
405Kb / 11P
   150MHz Current Feedback Amplifier
logo
Zarlink Semiconductor I...
SL521 ZARLINK-SL521 Datasheet
327Kb / 7P
   150MHz WIDEBAND LOG AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com