Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL611S-27-XXXGI Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PL611S-27-XXXGI
Description  1.8V to 3.3V PicoPLLTM Programmable Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-27-XXXGI Datasheet(HTML) 2 Page - PhaseLink Corporation

  PL611S-27-XXXGI Datasheet HTML 1Page - PhaseLink Corporation PL611S-27-XXXGI Datasheet HTML 2Page - PhaseLink Corporation PL611S-27-XXXGI Datasheet HTML 3Page - PhaseLink Corporation PL611S-27-XXXGI Datasheet HTML 4Page - PhaseLink Corporation PL611S-27-XXXGI Datasheet HTML 5Page - PhaseLink Corporation PL611S-27-XXXGI Datasheet HTML 6Page - PhaseLink Corporation PL611S-27-XXXGI Datasheet HTML 7Page - PhaseLink Corporation PL611S-27-XXXGI Datasheet HTML 8Page - PhaseLink Corporation PL611S-27-XXXGI Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
(Preliminary)PL611s-27
1.8V to 3.3V PicoPLL
TM Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 2/25/07 Page 2
KEY PROGRAMMING PARAMETERS
CLK
Output Frequency
Output Drive Strength
Programmable
Input/Output
FOUT = FREF * M / (R * P)
Where M = 11 bit
R = 8 bit
P = 5 bit
CLK0 = FOUT, FREF or FREF / (2*P)
CLK1 = FREF, FREF/2, CLK0 or CLK0/2
Three optional drive strengths to
choose from:
• Low: 4mA
• Std: 8mA (default)
• High: 16mA
One output pin can be configured
as:
• OE - input
• PDB - input
• FSEL – input
HiZ or Active Low disabled state
PACKAGE PIN ASSIGNMENT
Pin Assignment
Name
DFN
Pin#
SOT
Pin #
Type
Description
CLK1
2
1
O
Programmable Clock Output
GND
3
2
P
GND connection
FIN
1
3
I
Reference input pin
OE,
PDB,
FSEL
6
4
I
This programmable I/O pin can be configured as an Output Enable (OE)
input, Power Down (PDB) input or Frequency Switching (FSEL) input. This
pin has an internal 60K
pull up resistor.
The OE and PDB features can be programmed to allow the output to float
(Hi Z), or to operate in the ‘Active low’ mode.
State
OE
PDB
FSEL
0
Disable CLK
Power Down Mode
Frequency ‘2’
1 (default)
Normal mode
Normal mode
Frequency ‘1’
VDD
5
5
P
VDD connection
CLK0
4
6
O
Programmable Clock Output
OE AND PDB FUNCTION DESCRIPTION
OE
PDB
Osc.
PLL
CLK0
CLK1
1
N/A
On
On
On
On
0
N/A
On
Off
HiZ or Active Low
On
N/A
1
On
On
On
On
N/A
0
Off
Off
HiZ or Active Low
HiZ or Active Low
Note: HiZ or Active Low states are programmable functions and will be set per request.


Similar Part No. - PL611S-27-XXXGI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGC PLL-PL611S-26-XXXGC Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGC-R PLL-PL611S-26-XXXGC-R Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGCR PLL-PL611S-26-XXXGCR Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGI PLL-PL611S-26-XXXGI Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
More results

Similar Description - PL611S-27-XXXGI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
Renesas Technology Corp
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com