Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL611S-17-XXXTCR Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL611S-17-XXXTCR
Description  1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-17-XXXTCR Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL611S-17-XXXTCR Datasheet HTML 1Page - PhaseLink Corporation PL611S-17-XXXTCR Datasheet HTML 2Page - PhaseLink Corporation PL611S-17-XXXTCR Datasheet HTML 3Page - PhaseLink Corporation PL611S-17-XXXTCR Datasheet HTML 4Page - PhaseLink Corporation PL611S-17-XXXTCR Datasheet HTML 5Page - PhaseLink Corporation PL611S-17-XXXTCR Datasheet HTML 6Page - PhaseLink Corporation PL611S-17-XXXTCR Datasheet HTML 7Page - PhaseLink Corporation PL611S-17-XXXTCR Datasheet HTML 8Page - PhaseLink Corporation PL611S-17-XXXTCR Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
(Preliminary)PL611s-17
1.8V-3.3V PicoPLL
TM KHz to MHz Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/04/07 Page 1
FEATURES
• Advanced Programmable PLL design for low-
frequency (kHz) input applications.
• Input Frequency: 10kHz to 200MHz
• OTP selectable AC/DC Input Coupling.
• Accepts >0.1V reference signal input voltage
• Very low Jitter and Phase Noise
• Output Frequency:
o
<65MHz @ 1.8V operation
o
<90MHz @ 2.5V operation
o
<125MHz @ 3.3V operation
• Disabled outputs programmable as HiZ or Active Low.
• Offered in Tiny GREEN/RoHS compliant packages
o
6-pin DFN (2.0mmx1.3mmx0.6mm)
o
6-pin SC70 (2.3mmx2.25mmx1.0mm)
o
6-pin SOT23 (3.0mmx3.0mmx1.35mm)
• Single 1.8V, 2.5V, or 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C
DESCRIPTION
The PL611s-17 is a low-cost general purpose
frequency synthesizer and a member of PhaseLink’s
PicoPLLTM Factory Programmable ‘Quick Turn Clock
(QTC)’ family. Designed to fit in a small SOT23,
SC70, or DFN package for high performance, low
power applications, the PL611s-17 accepts a low
frequency (>10KHz) Reference input and generates
up to 125MHz outputs with the best phase noise,
jitter performance, and power consumption for
handheld devices and notebook applications. In
addition, one programmable I/O pin can be
configured as Output Enable (OE), Frequency
switching (FSEL), Power Down (PDB) input, or CLK1
(FOUT, FREF, FREF/2) output. Cascading the PL611s-
17 with other PicoPLL ICs can result in producing all
required system clocks with specific savings in board
space, power consumption, and cost.
PACKAGE PIN CONFIGURATION
BLOCK DIAGRAM
Charge
Pump
VCO
FIN
Programmable
Function
Phase
Detector
R-Counter
(7-bit)
M-Counter
(16-bit)
P-Counter
(4-bit)
FVCO = FRef * (M/R)
CLK0
FOut = FVCO /2*P
Ref.
Programming
Logic
OE, PDB,
FSEL, CLK1
1
2
3
4
5
6
LF
GND
CLK0
OE, PDB,
FSEL, CLK1
VDD
FIN
DFN
DFN
DFN
DFN----6
6
6
6L
L
L
L
((((2
2
2
2....0
0
0
0mmx
mmx
mmx
mmx1
1
1
1....3
3
3
3mmx
mmx
mmx
mmx0
0
0
0....6
6
6
6mm
mm
mm
mm))))
SOT
SOT
SOT
SOT23
23
23
23----6
6
6
6L
L
L
L
((((3
3
3
3....0
0
0
0mmx
mmx
mmx
mmx3
3
3
3....0
0
0
0mmx
mmx
mmx
mmx1
1
1
1....35
35
35
35mm
mm
mm
mm))))
FIN
VDD
LF
GND
CLK0
OE, PDB, FSEL, CLK1
1
2
3
4
5
6
FIN
VDD
GND
SC
SC
SC
SC70
70
70
70----6
6
6
6L
L
L
L
((((2
2
2
2....3
3
3
3mmx
mmx
mmx
mmx2
2
2
2....25
25
25
25mmx
mmx
mmx
mmx1
1
1
1....0
0
0
0mm
mm
mm
mm))))
LF
CLK0
OE, PDB,
FSEL, CLK1
1
2
3
6
5
4


Similar Part No. - PL611S-17-XXXTCR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15-XXXGC-R PLL-PL611S-15-XXXGC-R Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15-XXXTC-R PLL-PL611S-15-XXXTC-R Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15-XXXUC-R PLL-PL611S-15-XXXUC-R Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
More results

Similar Description - PL611S-17-XXXTCR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
   1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
logo
PhaseLink Corporation
PL611S-18 PLL-PL611S-18 Datasheet
223Kb / 9P
   0.5kHz-125MHz MHz to KHz Programmable ClockTM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com