Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL611S-XXXUI Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PL611S-XXXUI
Description  1.8V-3.3V PicoPLLTM 32K Programmable Clock
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-XXXUI Datasheet(HTML) 6 Page - PhaseLink Corporation

  PL611S-XXXUI Datasheet HTML 1Page - PhaseLink Corporation PL611S-XXXUI Datasheet HTML 2Page - PhaseLink Corporation PL611S-XXXUI Datasheet HTML 3Page - PhaseLink Corporation PL611S-XXXUI Datasheet HTML 4Page - PhaseLink Corporation PL611S-XXXUI Datasheet HTML 5Page - PhaseLink Corporation PL611S-XXXUI Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
(Preliminary)
PL611s-15
1.8V-3.3V PicoPLLTM 32K Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 07/18/06 Page 6
ORDERING INFORMATION (GREEN PACKAGE COMPLIANT)
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PL611s-XXX X X X
Part Number
Order Number
Marking
Package Option
PL611s-XXX
PL611s-15-XXXGC-R
15XXX
6-Pin SC70 (Tape and Reel)
PL611s-XXX
PL611s-15-XXXUC-R
15XXX
6-Pin SC70 (Tape and Reel)
PL611s-XXX
PL611s-15-XXXTC-R
15XXX
6-Pin SOT-23 (Tape and Reel)
Note: ‘XXX’ designates marking identifier that could be independent of the part number.
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I = INDUSTRIAL
PACKAGE TYPE
T=SOT
U=SC70
G=DFN
3 DIGIT ID Code *
(will be assigned at
programming time)
NONE= TUBE
R=TAPE and REEL


Similar Part No. - PL611S-XXXUI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-XXXUI PLL-PL611S-XXXUI Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-XXXUIR PLL-PL611S-XXXUIR Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
More results

Similar Description - PL611S-XXXUI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Integrated Device Techn...
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com