Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1206CR Datasheet(PDF) 1 Page - Linear Technology

Part # LT1206CR
Description  250mA/60MHz Current Feedback Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206CR Datasheet(HTML) 1 Page - Linear Technology

  LT1206CR Datasheet HTML 1Page - Linear Technology LT1206CR Datasheet HTML 2Page - Linear Technology LT1206CR Datasheet HTML 3Page - Linear Technology LT1206CR Datasheet HTML 4Page - Linear Technology LT1206CR Datasheet HTML 5Page - Linear Technology LT1206CR Datasheet HTML 6Page - Linear Technology LT1206CR Datasheet HTML 7Page - Linear Technology LT1206CR Datasheet HTML 8Page - Linear Technology LT1206CR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1206
1
1206fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
250mA/60MHz Current
Feedback Amplifier
The LT
®1206 is a current feedback amplifier with high
output current drive capability and excellent video char-
acteristics. The LT1206 is stable with large capacitive
loads, and can easily supply the large currents required
by the capacitive loading. A shutdown feature switches
the device into a high impedance, low current mode,
reducing dissipation when the device is not in use. For
lower bandwidth applications, the supply current can be
reduced with a single external resistor. The low differential
gain and phase, wide bandwidth, and the 250mA mini-
mum output current drive make the LT1206 well suited
to drive multiple cables in video systems.
The LT1206 is manufactured on Linear Technology’s
proprietary complementary bipolar process.
Noninverting Amplifier with Shutdown
Video Amplifiers
Cable Drivers
RGB Amplifiers
Test Equipment Amplifiers
Buffers
250mA Minimum Output Drive Current
60MHz Bandwidth, AV = 2, RL = 100Ω
900V/µs Slew Rate, AV = 2, RL = 50Ω
0.02% Differential Gain, AV = 2, RL = 30Ω
0.17° Differential Phase, AV = 2, RL = 30Ω
High Input Impedance, 10M
Ω
Wide Supply Range, ±5V to ±15V
Shutdown Mode: IS < 200µA
Adjustable Supply Current
Stable with CL = 10,000p
Available in 8-Pin DIP and SO and 7-Pin DD and
TO-220 Packages
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
+
LT1206
S/D**
15V
–15V
CCOMP
0.01
µF*
RF
RG
VIN
5V
24k
15V
ENABLE
VOUT
OPTIONAL, USE WITH CAPACITIVE LOADS
GROUND SHUTDOWN PIN FOR
NORMAL OPERATION
*
**
LT1206 • TA01
COMP
74C906
VS = ±15V
RL = RG = 3k
RL = ∞
500ns/DIV
1206 TA02
Large-Signal Response, CL = 10,000pF


Similar Part No. - LT1206CR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1206CR LINER-LT1206CR Datasheet
386Kb / 16P
   250mA/60MHz Current Feedback Amplifier
LT1206CR LINER-LT1206CR Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1206CR LINER-LT1206CR Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
More results

Similar Description - LT1206CR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1206 LINER-LT1206 Datasheet
386Kb / 16P
   250mA/60MHz Current Feedback Amplifier
LT1206CS8TRPBF LINER-LT1206CS8TRPBF Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_15 Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207_15 Datasheet
323Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207 Datasheet
364Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_11 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-6X563A BOARDCOM-DEMO-MGA-6X563A Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-61563 AVAGO-MGA-61563_15 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com