Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PL611S-02 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part No. PL611S-02
Description  1.8V-3.3V PicoPLLTM, World’s Smallest Programmable Clock
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLL [PhaseLink Corporation]
Homepage  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-02 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL611S-02 Datasheet HTML 1Page - PhaseLink Corporation PL611S-02 Datasheet HTML 2Page - PhaseLink Corporation PL611S-02 Datasheet HTML 3Page - PhaseLink Corporation PL611S-02 Datasheet HTML 4Page - PhaseLink Corporation PL611S-02 Datasheet HTML 5Page - PhaseLink Corporation PL611S-02 Datasheet HTML 6Page - PhaseLink Corporation PL611S-02 Datasheet HTML 7Page - PhaseLink Corporation PL611S-02 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
(Preliminary)PL611s-02
1.8V-3.3V PicoPLL
TM, World’s Smallest Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 1
1
2
3
4
5
6
OE, PDB,
FSEL, CLK1
GND
XIN/FIN
VDD
XOUT
CLK0
DFN
DFN
DFN
DFN----6
6
6
6L
L
L
L
(2.0mmx1.3mmx0.6mm)
SOT
SOT
SOT
SOT23
23
23
23----6
6
6
6L
L
L
L
(3.0mmx3.0mmx1.35mm)
1
2
3
4
5
6
XOUT
GND
XIN/FIN
VDD
SC
SC
SC
SC70
70
70
70----6
6
6
6L
L
L
L
(2.3mmx2.25mmx1.0mm)
CLK0
OE, PDB,
FSEL, CLK1
XIN/FIN
GND
XOUT
VDD
CLK0
1
2
3
OE, PDB, FSEL, CLK1
6
5
4
FEATURES
• Lowest-power, smallest Programmable PLL
• Very low Jitter and Phase Noise
• Output Frequency up to:
o
133MHz @ 1.8V operation
o
166MHz @ 2.5V operation
o
200MHz @ 3.3V operation
• Input Frequency:
o
Fundamental Crystal: 10MHz to 50MHz
o
Reference Clock: 1MHz to 200MHz
• Accepts >0.1V reference signal input voltage
• One I/O pin can be configured as Output Enable (OE),
Frequency switching (FSEL), Power Down (PDB)
input, or CLK1 output.
• <10 A current consumption with PDB active.
• Single 1.8V, 2.5V, or 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C
• Available in 6-pin DFN, SOT23, and SC70
GREEN/RoHS compliant packages.
DESCRIPTION
The PL611s-02 is a low-power, small form factor,
high performance OTP-base programmable
frequency synthesizer and a member of PhaseLink’s
PicoPLL Factory Programmable ‘Quick Turn Clocks.
Designed to fit in a small DFN, SC70, or SOT23
package for a broad range of applications, the
PL611s-02 offers the best phase noise and jitter
performance, and power consumption of its rivals. .
In addition, one programmable I/O pin can be
configured as Output Enable (OE), Frequency
switching (FSEL), Power Down (PDB) input, or CLK1
(FOUT, FREF, FREF/2) output. The power down
feature of PL611s-02, when activated, allows the IC
to consume less than 10 A of power, while its
programming flexibility allows generating any output,
up to 200MHz using a low-cost crystal or reference
input.
PACKAGE PIN CONFIGURATION
BLOCK DIAGRAM
Phase
Detector
Charge
Pump
Loop
Filter
VCO
XIN/FIN
XOUT
R-Counter
(8-bit)
FVCO = FREF * (2 * M/R)
FOUT = FVCO / (2 * P)
CLK0
FREF
Programming
Logic
OE, PDB,
FSEL, CLK1
XTAL
OSC
M-Counter
(11-bit)
P-Counter
(5-bit)
Programmable
CLoad
Programmable Function


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn