Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1193CN8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1193CN8
Description  Video Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1193CN8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1193CN8 Datasheet HTML 4Page - Linear Technology LT1193CN8 Datasheet HTML 5Page - Linear Technology LT1193CN8 Datasheet HTML 6Page - Linear Technology LT1193CN8 Datasheet HTML 7Page - Linear Technology LT1193CN8 Datasheet HTML 8Page - Linear Technology LT1193CN8 Datasheet HTML 9Page - Linear Technology LT1193CN8 Datasheet HTML 10Page - Linear Technology LT1193CN8 Datasheet HTML 11Page - Linear Technology LT1193CN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1193
1193fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
An Unterminated Cable Is
A 1X Scope Probe Is a
A Scope Probe on the Inverting
a Large Capacitive Load
Large Capacitive Load
Input Reduces Phase Margin
Murphy Circuits
LT1193 • TA13
1X SCOPE
PROBE
SCOPE
PROBE
COAX
2
5V
7
6
–5V
4
+
+
3
1
8
5V
7
6
–5V
4
+
+
3
1
8
5V
7
6
–5V
4
+
+
3
1
8
2
2
LT1193
LT1193
LT1193
APPLICATIO S I FOR ATIO
+
OUT
V
VBIAS
VBIAS
LT1193 • TA16
M
C
FF
C
+V
+V
3
2
5
1 +/REF
SHDN
6
*
V
7
+
V
4
* SUBSTRATE DIODE, DO NOT FORWARD BIAS
8 –/FB
SI PLIFIED SCHE ATIC


Similar Part No. - LT1193CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193CN8 LINER-LT1193CN8 Datasheet
565Kb / 12P
   Video Difference Amplifier
More results

Similar Description - LT1193CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
   Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_10 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_17 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com