Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1193CN8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1193CN8
Description  Video Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1193CN8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1193CN8 Datasheet HTML 4Page - Linear Technology LT1193CN8 Datasheet HTML 5Page - Linear Technology LT1193CN8 Datasheet HTML 6Page - Linear Technology LT1193CN8 Datasheet HTML 7Page - Linear Technology LT1193CN8 Datasheet HTML 8Page - Linear Technology LT1193CN8 Datasheet HTML 9Page - Linear Technology LT1193CN8 Datasheet HTML 10Page - Linear Technology LT1193CN8 Datasheet HTML 11Page - Linear Technology LT1193CN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1193
1193fb
termination is preferred because reflected energy is ab-
sorbed at each end of the cable. When using the double
termination technique it is important to note that the signal
is attenuated by a factor of 2, or 6dB. The cable driver has
a – 3dB bandwidth of 80MHz while driving a 150
Ω load.
Using the Shutdown Feature
The LT1193 has a unique feature that allows the amplifier
to be shut down for conserving power or for multiplexing
several amplifiers onto a common cable. The amplifier will
shut down by taking Pin 5 to V. In shutdown, the amplifier
dissipates 15mW while maintaining a true high impedance
output state of 15k
Ω in parallel with the feedback resis-
tors. The amplifiers may be connected inverting, nonin-
verting or differential for MUX applications. When the
output is loaded with as little as 1k
Ω from the amplifier’s
feedback resistors, the amplifier shuts off in 200ns. This
shutoff can be under the control of HC CMOS operating
between 0V and – 5V.
APPLICATIO S I FOR ATIO
LT1193 • TA12
1MHz SINE WAVE GATED OFF WITH
SHUTDOWN PIN, AV = 3, RFB = 1k, RG = 500Ω
tOFF = 200ns
tON = 300ns
Driving Capacitive Load
Driving Capacitive Load
LT1193 • TA14
AV = 2, IN DEMO BOARD, CL = 30pF, RFB = 1k, RG = 1k
LT1193 • TA15
AV = 2, IN DEMO BOARD, CL = 30pF
WITH 10
Ω ISOLATING RESISTOR
isolating the capacitance with 10
Ω can be helpful. Precau-
tions primarily have to do with driving large
capacitive loads.
Other precautions include:
1. Use a ground plane (see Design Note 50, High Fre-
quency Amplifier Evaluation Board).
2. Do not use high source impedances. The input capaci-
tance of 2pF, and RS = 10k for instance, will give an
8MHz – 3dB bandwidth.
3. PC board socket may reduce stability.
4. A feedback resistor of 1k or lower reduces the effects of
stray capacitance at the inverting input. (For instance,
closed-loop gain of
±2 can use RFB = 300Ω and
RG = 300Ω.)
Output Shutdown
The ability to maintain shutoff is shown on the curve
Shutdown Supply Current vs Temperature in the Typical
Performance Characteristics section. At very high el-
evated temperatures it is important to hold the SHDN pin
close to the negative supply to keep the supply current
from increasing.
Murphy Circuits
There are several precautions the user should take when
using the LT1193 in order to realize its full capability.
Although the LT1193 can drive a 30pF in gains as low as 2,


Similar Part No. - LT1193CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193CN8 LINER-LT1193CN8 Datasheet
565Kb / 12P
   Video Difference Amplifier
More results

Similar Description - LT1193CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
   Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_10 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_17 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com