Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1175IT-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1175IT-5
Description  500mA Negative Low Dropout Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175IT-5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1175IT-5 Datasheet HTML 2Page - Linear Technology LT1175IT-5 Datasheet HTML 3Page - Linear Technology LT1175IT-5 Datasheet HTML 4Page - Linear Technology LT1175IT-5 Datasheet HTML 5Page - Linear Technology LT1175IT-5 Datasheet HTML 6Page - Linear Technology LT1175IT-5 Datasheet HTML 7Page - Linear Technology LT1175IT-5 Datasheet HTML 8Page - Linear Technology LT1175IT-5 Datasheet HTML 9Page - Linear Technology LT1175IT-5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1175
1175fd
APPLICATIONS INFORMATION
The LT1175-5 is a fixed 5V design with the SENSE pin
acting as a Kelvin connection to the output. Normally the
SENSE pin and the OUTPUT pin are connected directly
together, either close to the regulator or at the remote load
point.
Figure 1. Typical LT1175 Adjustable Connection
+
CIN
COUT
≥ 0.1µF
VOUT
–12V
R2
825k
1%
R1
383k
1%
SHUTDOWN
LOGIC
SHDN
GND
LT1175
SENSE
OUT
> 2V OR < –2V TO
TURN REGULATOR ON
1175 F01
ILIM4
ILIM2
INPUT
+
Setting Current Limit
The LT1175 uses two ILIM pins to set current limit (typical)
at 200mA, 400mA, 600mA or 800mA. The corresponding
minimum guaranteed currents are 130mA, 260mA, 390mA
and 520mA. This allows the user to select a current limit
tailored to his specific application and prevents the situa-
tion where short-circuit current is many times higher than
full-load current. Problems with input supply overload or
excessive power dissipation in a faulted load are pre-
vented. Power limiting in the form of foldback current limit
is built in and reduces current limit as a function of input-
to-output voltage differential for differentials exceeding
14V. See the graph in Typical Performance Characteristics.
The LT1175 is guaranteed to be blowout-proof regardless
of current limit setting. The power limiting combined with
thermal shutdown protects the device from destructive
junction temperatures under all load conditions.
Shutdown
In shutdown, the LT1175 draws only about 10µA. Special
circuitry is used to minimize increases in shutdown cur-
rent at high temperatures, but a slight increase is seen
above 125°C. One option not taken was to actively pull
down on the output during shutdown. This means that the
output will fall slowly after shutdown is initiated, at a rate
determined by load current plus the 12µA internal load,
and the size of the output capacitor. Active pull-down is
Note to Reader: To avoid confusion when working with
negative voltages (is – 6V more or less than – 5V?), I have
decided to treat the LT1175 as if it were a positive
regulator and express all voltages as positive values, both
in text and in formulas. If you do the same and simply add
a negative sign to the eventual answer, confusion should
be avoided. Please don’t give me a hard time about
“preciseness” or “correctness.” I have to field phone calls
from around the world and this is my way of dealing with
a multitude of conventions. Thanks for your patience.
R
V
I
R
RV
V
V
Simple formula
RV
V
VR I
I
Desired
DIV
OUT
OUT
FB
DIV
1
38
2
13 8
38
13 8
38
1
=
=
() ()
=
()
+
()
=
.
.
.
.
.
R2
Taking SENSE pin bias
current into account
divider current
Setting Output Voltage
The LT1175 adjustable version has a feedback sense
voltage of 3.8V with a bias current of approximately 75nA
flowing out of the SENSE pin. To avoid output voltage
errors caused by this current, the output divider string
(see Figure 1) should draw about 25µA. Table 1 shows
suggested resistor values for a range of output voltages.
The second part of the table shows resistor values which
draw only 10µA of current. Output voltage error caused by
bias current with the lower valued resistors is about 0.4%
maximum and with the higher values, about 1% maxi-
mum. A formula is also shown for calculating the resistors
for any output voltage.
Table 1
OUTPUT
R1
R2
R1
R2
VOLTAGE
IDIV = 25µA
NEAREST 1%
IDIV = 10µA
NEAREST 1%
5V
150k
47.5k
383k
121k
6V
150k
86.6k
383k
221k
8V
150k
165k
383k
422k
10V
150k
243k
383k
619k
12V
150k
324k
383k
825k
15V
150k
442k
383k
1.13M


Similar Part No. - LT1175IT-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175IT-5 LINER-LT1175IT-5 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175IT-5 LINER-LT1175IT-5 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175IT-5-PBF LINER-LT1175IT-5-PBF Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175IT-5-TR LINER-LT1175IT-5-TR Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175IT-5-TRPBF LINER-LT1175IT-5-TRPBF Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175IT-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com