Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1175IT Datasheet(PDF) 2 Page - Linear Technology

Part # LT1175IT
Description  500mA Negative Low Dropout Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175IT Datasheet(HTML) 2 Page - Linear Technology

  LT1175IT Datasheet HTML 1Page - Linear Technology LT1175IT Datasheet HTML 2Page - Linear Technology LT1175IT Datasheet HTML 3Page - Linear Technology LT1175IT Datasheet HTML 4Page - Linear Technology LT1175IT Datasheet HTML 5Page - Linear Technology LT1175IT Datasheet HTML 6Page - Linear Technology LT1175IT Datasheet HTML 7Page - Linear Technology LT1175IT Datasheet HTML 8Page - Linear Technology LT1175IT Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1175
1175fd
ABSOLUTE MAXIMUM RATINGS
SHDN Pin to VIN Pin Voltage .......................... 30V, – 5V
Operating Junction Temperature Range
LT1175C .............................................. 0°C to 125°C
LT1175I .......................................... – 40°C to 125°C
Ambient Operating Temperature Range
LT1175C ................................................ 0°C to 70°C
LT1175I ............................................ – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
PACKAGE/ORDER INFORMATION
Input Voltage (Transient 1 sec, Note 11) ................ 25V
Input Voltage (Continuous) .................................... 20V
Input-to-Output Differential Voltage (Note 12) ........ 20V
5V SENSE Pin (with Respect to GND Pin) ...... 2V, – 10V
ADJ SENSE Pin
(with Respect to OUTPUT Pin) ................ 20V, – 0.5V
5V SENSE Pin
(with Respect to OUTPUT Pin) .................. 20V, – 7V
Output Reverse Voltage ............................................ 2V
SHDN Pin to GND Pin Voltage (Note 2) ..... 13.5V, – 20V
ELECTRICAL CHARACTERISTICS
ORDER
PART NUMBER
3
2
1
FRONT VIEW
TAB IS
INPUT
GND
VIN
OUTPUT
ST PACKAGE
3-LEAD PLASTIC SOT-223
ORDER
PART NUMBER
SHDN
GND
INPUT
SENSE
OUTPUT
Q PACKAGE
5-LEAD PLASTIC DD
FRONT VIEW
TAB
IS
INPUT
5
4
3
2
1
LT1175CN8
LT1175CN8-5
LT1175IN8
LT1175IN8-5
ORDER
PART NUMBER
ORDER
PART NUMBER
ORDER
PART NUMBER
θJA = 50°C/ W WITH BACKPLANE
AND 10cm2 TOPSIDE LAND
SOLDERED TO TAB
θJA = 27°C/ W TO 60°C/W DEPENDING
ON PC MOUNTING. SEE DATA SHEET
FOR DETAILS
LT1175CT
LT1175CT-5
LT1175IT
LT1175IT-5
LT1175CST-5
LT1175IST-5
LT1175CQ
LT1175CQ-5
LT1175IQ
LT1175IQ-5
θJA = 60°C/ W TO 100°C/W DEPENDING
ON PC BOARD LAYOUT
T PACKAGE
5-LEAD PLASTIC TO-220
FRONT VIEW
5
4
3
2
1
SHDN
GND
INPUT
SENSE
OUTPUT
TAB IS
INPUT
θJA = 50°C/ W, θJC = 5°C/ W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PINS 1, 8 ARE INTERNALLY
CONNECTED TO DIE
ATTACH PADDLE FOR HEAT
SINKING. ELECTRICAL
CONTACT CAN BE MADE TO
EITHER PIN. FOR BEST
THERMAL RESISTANCE,
PINS 1, 8 SHOULD BE
CONNECTED TO AN
EXPANDED LAND THAT IS
OVER AN INTERNAL OR
BACKSIDE PLANE.
SEE APPLICATIONS
INFORMATION
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VIN
ILIM2
OUTPUT
SENSE
VIN
ILIM4
SHDN
GND
LT1175CS8
LT1175CS8-5
LT1175IS8
LT1175IS8-5
S8 PART MARKING
1175I
1175I5
1175
11755
θJA = 80°C/ W TO 120°C/W DEPENDING
ON PC BOARD LAYOUT
1
2
3
4
8
7
6
5
TOP VIEW
VIN
ILIM2
OUTPUT
SENSE
VIN
ILIM4
SHDN
GND
N8 PACKAGE
8-LEAD PDIP
(Note 1)
The
denotes specifications which apply over the operating temperature
range, otherwise specifications are at TA = 25°C. VOUT = 5V, VIN = 7V, IOUT = 0, VSHDN = 3V, ILIM2 and ILIM4 tied to VIN, TJ = 25°C,
unless otherwise noted. To avoid confusion with “min” and “max” as applied to negative voltages, all voltages are shown as
absolute values except where polarity is not obvious.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback Sense Voltage
Adjustable Part
3.743
3.8
3.857
V
Fixed 5V Part
4.93
5.0
5.075
V
Output Voltage Initial Accuracy
Adjustable, Measured at 3.8V Sense
0.5
1.5
%
Fixed 5V
0.5
1.5
%
Output Voltage Accuracy (All Conditions)
VIN – VOUT = 1V to VIN = 20V, IOUT = 0A to 500mA
1.5
2.5
%
P = 0 to PMAX, TJ = TMIN to TMAX (Note 3)
Quiescent Input Supply Current
VIN – VOUT ≤ 12V
45
65
µA
80
µA


Similar Part No. - LT1175IT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175IT LINER-LT1175IT Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175IT LINER-LT1175IT Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175IT-5 LINER-LT1175IT-5 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175IT-5 LINER-LT1175IT-5 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175IT-5-PBF LINER-LT1175IT-5-PBF Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175IT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com