Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1175IS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1175IS8
Description  500mA Negative Low Dropout Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175IS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1175IS8 Datasheet HTML 1Page - Linear Technology LT1175IS8 Datasheet HTML 2Page - Linear Technology LT1175IS8 Datasheet HTML 3Page - Linear Technology LT1175IS8 Datasheet HTML 4Page - Linear Technology LT1175IS8 Datasheet HTML 5Page - Linear Technology LT1175IS8 Datasheet HTML 6Page - Linear Technology LT1175IS8 Datasheet HTML 7Page - Linear Technology LT1175IS8 Datasheet HTML 8Page - Linear Technology LT1175IS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1175
1175fd
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CURRENT (A)
0
20
16
12
8
4
0
0.2
0.4
0.3
0.5
1175 G10
0.1
0.6
0.7
POWER
TRANSISTOR
IN DROPOUT
TJ = –55°C
TJ = 25°C
VIN – VOUT ≥ 3V
TJ = 25°C
VIN – VOUT = 2V
TJ = 25°C
GND pin Current
FREQUENCY (Hz)
100
80
60
40
20
0
10
1k
10k
1M
100
100k
VOUT = 12V
(ADJUSTABLE)
IOUT = 100mA
VIN – VOUT = 2V
COUT = 1µF TANT
1175 G11
RIPPLE REJECTION IS RELATIVELY INDEPENDENT OF
INPUT VOLTAGE AND LOAD FOR CURRENTS BETWEEN
25mA AND 500mA. LARGER OUTPUT CAPACITORS DO
NOT IMPROVE REJECTION FOR FREQUENCIES BELOW
50kHz. AT VERY LIGHT LOADS, REJECTION WILL
IMPROVE WITH LARGER OUTPUT CAPACITORS
VOUT = 12V
(ADJUSTABLE)
WITH 0.1µF ACROSS
DIVIDER RESISTOR
VOUT = 5V
(FIXED)
Ripple Rejection
microamperes of current (see Typical Performance Char-
acteristics). Maximum voltage on the SHDN pin is 15V,
– 20V with respect to the GND pin and 35V, – 5V with
respect to the negative input pin.
ILIM Pins: The two current limit pins are emitter sections
of the power transistor. When left open, they float several
hundred millivolts above the negative input voltage. When
shorted to the input voltage, they increase current limit by
a minimum of 200mA for ILIM2 and 400mA for ILIM4. These
pins must be connected only to the input voltage, either
directly or through a resistor.
OUTPUT Pin: The OUTPUT pin is the collector of the NPN
power transistor. It can be forced to the input voltage, to
ground or up to 2V positive with respect to ground without
damage or latchup (see Output Voltage Reversal in Appli-
cations Information section). The LT1175 has foldback
current limit, so maximum current at the OUTPUT pin is a
function of input-to-output voltage. See Typical Perfor-
mance Characteristics.
GND Pin: The GND pin has a quiescent current of 45µA at
zero load current, increasing by approximately 10µA per
mA of output current. At 500mA output current, GND pin
current is about 5mA. Current flows into the GND pin.
SENSE Pin: The SENSE pin is used in the adjustable
version to allow custom selection of output voltage, with
an external divider set to generate 3.8V at the SENSE pin.
Input bias current is typically 75nA flowing out of the pin.
Maximum forced voltage on the SENSE pin is 2V and –10V
with respect to GND pin.
The fixed 5V version utilizes the SENSE pin to give true
Kelvin connections to the load or to drive an external pass
transistor for higher output currents. Bias current out of
the 5V SENSE pin is approximately 12µA. Separating the
SENSE and OUTPUT pins also allows for a new loop
compensation technique described in the Applications
Information section.
SHDN Pin: The SHDN pin is specially configured to allow
it to be driven from either positive voltage logic or with
negative only logic. Forcing the SHDN pin 2V either above
or below the GND pin will turn the regulator on. This makes
it simple to connect directly to positive logic signals for
active low shutdown. If no positive voltages are available,
the SHDN pin can be driven below the GND pin to turn the
regulator on.
When left open, the SHDN pin will default low
to a regulator “on” condition. For all voltages below
absolute maximum ratings, the SHDN pin draws only a few
PIN FUNCTIONS


Similar Part No. - LT1175IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175IS8 LINER-LT1175IS8 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175IS8 LINER-LT1175IS8 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175IS8-5 LINER-LT1175IS8-5 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175IS8-5 LINER-LT1175IS8-5 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175IS8-5-PBF LINER-LT1175IS8-5-PBF Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com