Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1177ISW-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1177ISW-5
Description  Isolated MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1177ISW-5 Datasheet(HTML) 3 Page - Linear Technology

  LTC1177ISW-5 Datasheet HTML 1Page - Linear Technology LTC1177ISW-5 Datasheet HTML 2Page - Linear Technology LTC1177ISW-5 Datasheet HTML 3Page - Linear Technology LTC1177ISW-5 Datasheet HTML 4Page - Linear Technology LTC1177ISW-5 Datasheet HTML 5Page - Linear Technology LTC1177ISW-5 Datasheet HTML 6Page - Linear Technology LTC1177ISW-5 Datasheet HTML 7Page - Linear Technology LTC1177ISW-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1177-5/LTC1177-12
ELECTRICAL C
C
HARA TERISTICS VIN = 12V, TA = 25°C unless otherwise noted.
LTC1177-12
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage (Refer to GND2)
COUT = 1000pF, No Load (LTC1177C-12, N Pkg)
q
4.65
5.2
8
V
COUT = 1000pF, No Load (LTC1177C-12, SW Pkg)
q
5.00
5.7
8
V
COUT = 1000pF, VIN = 11.4V (LTC1177C-12, N Pkg)
q
4.40
4.9
7
V
COUT = 1000pF, VIN = 11.4V (LTC1177C-12, SW Pkg)
q
4.60
5.3
7
V
COUT = 1000pF, No Load (LTC1177I-12, N Pkg)
q
4.50
5.2
8
V
COUT = 1000pF, No Load (LTC1177I-12, SW Pkg)
q
4.75
5.7
8
V
COUT = 1000pF, VIN = 11.4V (LTC1177I-12, SW Pkg)
q
4.50
5.3
7
V
IIN
Input Current
CIN = 1000pF (LTC1177C-12)
q
2.5
3.0
mA
CIN = 1000pF (LTC1177I-12)
q
2.5
3.4
mA
ILIM
Current Limit
RSENSE = 1Ω (LTC1177C-12)
q
400
620
800
mA
RSENSE = 1Ω (LTC1177I-12)
q
350
620
900
mA
tON
Turn-On Time
COUT = 1000pF, No Load (LTC1177C-12)
q
1.0
2.5
ms
COUT = 1000pF, No Load (LTC1177I-12, N Pkg)
1.0
ms
COUT = 1000pF, No Load (LTC1177I-12, SW Pkg)
q
1.0
2.5
ms
tOFF
Turn-Off Time
COUT = 1000pF, No Load (LTC1177C-12)
q
1.0
1.2
ms
COUT = 1000pF, No Load (LTC1177I-12, N Pkg)
1.0
ms
COUT = 1000pF, No Load (LTC1177I-12, SW Pkg)
q
1.0
1.5
ms
VISO
Isolation Voltage
1 Minute (Note 1)
2500
VRMS
1 Second
3000
VRMS
TCM
Common Mode Slew Rate
VOUT < 1.5V, COUT= 1000pF
1000
V/
µs
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Value derived from 1 second test.
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1177-5
Turn-Off Time to VOUT = 1V
vs Temperature
TEMPERATURE (
°C)
–55 –25
25
0.8
1.0
1.2
125 150
1177-5 G01
0.6
0.4
0
0
50
75
100
0.2
1.8
1.4
1.6
N18, SW28
VIN = 5V
COUT = 1000pF
LTC1177-5
Turn-On Time to VOUT = 4.5V
vs Temperature
TEMPERATURE (
°C)
–55 –25
25
0.8
1.0
1.2
125 150
1177-5 G02
0.6
0.4
0
0
50
75
100
0.2
1.8
1.4
1.6
N18
SW28
VIN = 5V
COUT = 1000pF
LTC1177-5
Output Current vs Output Voltage
OUTPUT VOLTAGE (V)
01
3
8
10
12
78
1177-5 G03
6
4
0
2
4
56
2
18
14
16
N18
SW28
TA = 25°C
VIN = 5V


Similar Part No. - LTC1177ISW-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1177ISW-5 LINER-LTC1177ISW-5 Datasheet
221Kb / 8P
   Isolated MOSFET Drivers
More results

Similar Description - LTC1177ISW-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1177-5 LINER-LTC1177-5 Datasheet
221Kb / 8P
   Isolated MOSFET Drivers
LTC1177-12 LINER-LTC1177-12_15 Datasheet
265Kb / 8P
   Isolated MOSFET Drivers
LTC1177-5 LINER-LTC1177-5_15 Datasheet
265Kb / 8P
   Isolated MOSFET Drivers
logo
Skyworks Solutions Inc.
OLH5800 SKYWORKS-OLH5800 Datasheet
308Kb / 6P
   Hermetic Opto-Isolated High-Speed Power MOSFET Drivers
June 23, 2017
logo
Texas Instruments
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310_0018 TI1-UCC5310_0018 Datasheet
1Mb / 58P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
logo
Maxim Integrated Produc...
MAX22700D MAXIM-MAX22700D Datasheet
1Mb / 30P
   Ultra-High CMTI Isolated Gate Drivers
Rev 2; 9/19
MAX22702D MAXIM-MAX22702D_V01 Datasheet
1Mb / 30P
   Ultra-High CMTI Isolated Gate Drivers
2020
logo
Texas Instruments
UCC5310 TI1-UCC5310_V01 Datasheet
2Mb / 60P
[Old version datasheet]   UCC53x0 Single-Channel Isolated Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com