Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1187CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1187CS8
Description  Low Power Video Difference Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1187CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1187CS8 Datasheet HTML 2Page - Linear Technology LT1187CS8 Datasheet HTML 3Page - Linear Technology LT1187CS8 Datasheet HTML 4Page - Linear Technology LT1187CS8 Datasheet HTML 5Page - Linear Technology LT1187CS8 Datasheet HTML 6Page - Linear Technology LT1187CS8 Datasheet HTML 7Page - Linear Technology LT1187CS8 Datasheet HTML 8Page - Linear Technology LT1187CS8 Datasheet HTML 9Page - Linear Technology LT1187CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1187
6
1187fa
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Rejection Ratio vs
Frequency
Output Short-Circuit Current vs
Temperature
±Output Swing vs Supply Voltage
Gain, Phase vs Frequency
Open-Loop Voltage Gain vs
Load Resistance
Gain Bandwidth Product vs
Supply Voltage
Gain Bandwidth Product and
Unity Gain Phase Margin vs
Temperature
Output Impedance vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
0
20
60
80
100
100k
LT1187 • TPC11
–20
1M
10M
100M
40
0
20
60
80
100
–20
40
GAIN
VS = ±5V
TA = 25°C
RL = 1k
PHASE
±SUPPLY VOLTAGE (V)
0
30
40
50
60
24
8
10
LT1187 • TPC12
6
TA = 25°C
TA = 125°C
AV = 20dB
TA = – 55°C
TEMPERATURE (
°C)
–50
30
50
60
0
50
100
125
LT1187 • TPC13
40
–25
25
75
35
55
65
45
VS = ±5V
RL = 1k
GAIN BANDWIDTH
PRODUCT
UNITY GAIN
PHASE MARGIN
FREQUENCY (Hz)
0.1
1.0
10
100
1k
LT1187 • TPC14
10k
100k
1M
10M
100M
VS = ±5V
TA = 25°C
AV = 10
AV = 2
FREQUENCY (Hz)
50
60
70
80
100k
10M
100M
LT1187 • TPC15
30
1M
40
VS = ±5V
TA = 25°C
RL = 1k
FREQUENCY (Hz)
0
20
40
60
80
1k
100k
10M
100M
LT1187 • TPC16
–20
10k
1M
VS = ±5V
TA = 25°C
VRIPPLE = ±300mV
+PSRR
–PSRR
TEMPERATURE (
°C)
–50
30
34
36
0
25
75
125
LT1187 • TPC17
–25
50
100
VS = ±5V
32
31
33
35
±SUPPLY VOLTAGE (V)
V+
LT1187 • TPC18
V
0.3
–0.8
– 0.7
0.2
0
246
10
8
–0.9
–1.0
0.4
0.5
0.1
–1.1
–55
°C
125
°C
RL = 1k
±1.8V ≤ VS ≤ ±9V
125
°C
25
°C
–55
°C
25
°C
LOAD RESISTANCE (
Ω)
100
0
4k
8k
12k
16k
1k
10k
VS = ±5V
VO = ±3V
TA = 25°C
LT1187 • TPC10


Similar Part No. - LT1187CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1187CS8 LINER-LT1187CS8 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
More results

Similar Description - LT1187CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1187 LINER-LT1187_15 Datasheet
420Kb / 16P
   Low Power Video Difference Amplifi er
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Sanyo Semicon Device
2SA1705 SANYO-2SA1705_12 Datasheet
482Kb / 6P
   Low-Frequency Power Amplifi er Applications
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
logo
Linear Technology
LT1189 LINER-LT1189 Datasheet
349Kb / 12P
   Low Power Video Difference Amplifier
logo
Mini-Circuits
ZHL-100W-13 MINI-ZHL-100W-13 Datasheet
391Kb / 3P
   High Power Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com