Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1174HVCS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1174HVCS8
Description  High Efficiency Step-Down and Inverting DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174HVCS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1174HVCS8 Datasheet HTML 5Page - Linear Technology LTC1174HVCS8 Datasheet HTML 6Page - Linear Technology LTC1174HVCS8 Datasheet HTML 7Page - Linear Technology LTC1174HVCS8 Datasheet HTML 8Page - Linear Technology LTC1174HVCS8 Datasheet HTML 9Page - Linear Technology LTC1174HVCS8 Datasheet HTML 10Page - Linear Technology LTC1174HVCS8 Datasheet HTML 11Page - Linear Technology LTC1174HVCS8 Datasheet HTML 12Page - Linear Technology LTC1174HVCS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1174
LTC1174-3.3/LTC1174-5
1174fe
Catch Diode Selection
The catch diode carries load current during the off-time. The
average diode current is therefore dependent on the
P-channel switch duty cycle. At high input voltages the
diode conducts most of the time. As VIN approaches VOUT
the diode conducts only a small fraction of the time. The
most stressful condition for the diode is when the output is
short-circuited. Under this condition the diode must safely
handleIPEAKatcloseto100%dutycycle.Afastswitchingdiode
must also be used to optimize efficiency. Schottky diodes are
a good choice for low forward drop and fast switching times.
Most LTC1174 circuits will be well served by either a 1N5818,
a MBRS140T3 or a MBR0520L Schottky diode.
Short-Circuit Protection
The LTC1174 is protected from output short by its internal
current limit. Depending on the condition of IPGM pin, the
limit is either set to 340mA or 600mA. In addition, the off-
time of the switch is increased to allow the inductor’s
current to decay far enough to prevent any current build-up
(see Figure 2).
APPLICATIO S I FOR ATIO
compared with a 1.25V reference voltage. With the current
going into Pin 3 being negligible, the following expression
is used for setting the trip limit:
V
R
R
LBTRIP =+
⎝⎜
⎠⎟
125 1
4
3
.
When the LTC1174 is shut down, the low-battery detector
is inactive.
IPGM = VIN
IPGM = 0
GND
L = 100
µH
VIN = 13.5V
20
µs/DIV
1174 F02
Figure 2. Inductor's Current with Output Shorted
Low-Battery Detector
The low-battery indicator senses the input voltage through
an external resistive divider. This divided voltage connects
to the “–” input of a voltage comparator (Pin 3) which is
Figure 3. Low-Battery Comparator
LTC1174
+
1.25V
REFERENCE
R4
R3
3
VIN
1174 F03
LTC1174 Adjustable/Low Noise Applications
The LTC1174 develops a 1.25V reference voltage between
the feedback (Pin 1) terminal and ground (see Figure 4). By
selecting resistor R1, a constant current is caused to flow
through R1 and R2 to set the overall output voltage. The
regulated output voltage is determined by:
V
R
R
OUT =+
⎝⎜
⎠⎟
125 1
2
1
.
For most applications, a 30k resistor is suggested for R1.
To prevent stray pickup, a 100pF capacitor is suggested
across R1 located close to the LTC1174. Alternatively, a
capacitor across R2 can be used to increase the switching
frequency for low noise operation.
Inverting Applications
The LTC1174 can easily be set up for a negative output
voltage. If – 5V is desired, the LTC1174-5 is ideal for this
application as it requires the least components. Figure 5
shows the schematic for this application. Note that the


Similar Part No. - LTC1174HVCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1174HVCS8 LINER-LTC1174HVCS8 Datasheet
353Kb / 16P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174HVCS8-3.3 LINER-LTC1174HVCS8-3.3 Datasheet
353Kb / 16P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174HVCS8-5 LINER-LTC1174HVCS8-5 Datasheet
353Kb / 16P
   High Efficiency Step-Down and Inverting DC/DC Converter
More results

Similar Description - LTC1174HVCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1174 LINER-LTC1174_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-3.3 LINER-LTC1174-3.3_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174 LINER-LTC1174 Datasheet
353Kb / 16P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-5 LINER-LTC1174-5_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com