Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1177-5 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1177-5
Description  Isolated MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1177-5 Datasheet(HTML) 5 Page - Linear Technology

  LTC1177-5 Datasheet HTML 1Page - Linear Technology LTC1177-5 Datasheet HTML 2Page - Linear Technology LTC1177-5 Datasheet HTML 3Page - Linear Technology LTC1177-5 Datasheet HTML 4Page - Linear Technology LTC1177-5 Datasheet HTML 5Page - Linear Technology LTC1177-5 Datasheet HTML 6Page - Linear Technology LTC1177-5 Datasheet HTML 7Page - Linear Technology LTC1177-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1177-5/LTC1177-12
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1177-12
Output Voltage vs Temperature
LTC1177-12
Input Current vs Temperature
TEMPERATURE (
°C)
–55
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
25
75
1177-12 G14
–25
0
50
100
125
VIN = 12V
NO LOAD
N18
SW28
TEMPERATURE (
°C)
–55
6.4
6.2
6.0
5.8
5.6
5.4
5.2
5.0
25
75
1177-12 G13
–25
0
50
100
125
N18
SW28
VIN = 12V
NO LOAD
LTC1177-12
Output Voltage vs Input Voltage
INPUT VOLTAGE (V)
9
8
7
6
5
4
3
10
11
12
13
1177-12 G15
14
N18
15
TA = 25°C
SW28
LTC1177-12
Input Current vs Input Voltage
INPUT VOLTAGE (V)
9
3.4
3.0
2.6
2.2
1.8
1.4
10
11
N18
SW28
12
13
1177-12 G16
14
15
TA = 25°C
SENSE: Current Limit Sense Input. Connecting a 1
Ω resis-
tor from the Sense pin to GND2 limits the current through
the power MOSFET to 620mA (typ). ILIM = 620mV/RSENSE.
GND2: Floating Ground Connects to the source of the
external N-channel MOSFET.
GND1: Input Ground. The ground connection of the input
control signal.
VIN: Voltage Input, 5.25V ≥ VIN ≥ 4.75V (LTC1177-5) and
12.6V
≥ VIN ≥ 11.4V (LTC1177-12). Connect a 0.01µF
capacitor between VIN and GND1 when the source imped-
ance is high or the VIN connection is long.
OUT: Output Voltage. The output voltage level is 8V (typ)
for SW package and 7.5V (typ) for N package (LTC1177-
5) with 5V at VIN pin; 5.7V (typ) for SW package and 5.2V
(typ) for N package (LTC1177-12) with 12V at VIN pin. This
pin is to drive the gate of the external N-channel MOSFET.
PIN FUNCTIONS


Similar Part No. - LTC1177-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1177-5 LINER-LTC1177-5 Datasheet
221Kb / 8P
   Isolated MOSFET Drivers
LTC1177-5 LINER-LTC1177-5 Datasheet
265Kb / 8P
   Isolated MOSFET Drivers
LTC1177-5 LINER-LTC1177-5_15 Datasheet
265Kb / 8P
   Isolated MOSFET Drivers
More results

Similar Description - LTC1177-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1177-5 LINER-LTC1177-5 Datasheet
221Kb / 8P
   Isolated MOSFET Drivers
LTC1177-12 LINER-LTC1177-12_15 Datasheet
265Kb / 8P
   Isolated MOSFET Drivers
LTC1177-5 LINER-LTC1177-5_15 Datasheet
265Kb / 8P
   Isolated MOSFET Drivers
logo
Skyworks Solutions Inc.
OLH5800 SKYWORKS-OLH5800 Datasheet
308Kb / 6P
   Hermetic Opto-Isolated High-Speed Power MOSFET Drivers
June 23, 2017
logo
Texas Instruments
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310_0018 TI1-UCC5310_0018 Datasheet
1Mb / 58P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
logo
Maxim Integrated Produc...
MAX22700D MAXIM-MAX22700D Datasheet
1Mb / 30P
   Ultra-High CMTI Isolated Gate Drivers
Rev 2; 9/19
MAX22702D MAXIM-MAX22702D_V01 Datasheet
1Mb / 30P
   Ultra-High CMTI Isolated Gate Drivers
2020
logo
Texas Instruments
UCC5310 TI1-UCC5310_V01 Datasheet
2Mb / 60P
[Old version datasheet]   UCC53x0 Single-Channel Isolated Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com