Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1174IN8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1174IN8
Description  High Efficiency Step-Down and Inverting DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174IN8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1174IN8 Datasheet HTML 7Page - Linear Technology LTC1174IN8 Datasheet HTML 8Page - Linear Technology LTC1174IN8 Datasheet HTML 9Page - Linear Technology LTC1174IN8 Datasheet HTML 10Page - Linear Technology LTC1174IN8 Datasheet HTML 11Page - Linear Technology LTC1174IN8 Datasheet HTML 12Page - Linear Technology LTC1174IN8 Datasheet HTML 13Page - Linear Technology LTC1174IN8 Datasheet HTML 14Page - Linear Technology LTC1174IN8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1174
LTC1174-3.3/LTC1174-5
1174fe
Figure 7. LTC1174 Layout Diagram (See Board Layout Checklist)
APPLICATIO S I FOR ATIO
Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1174. These items are also illustrated graphically in
the layout diagram in Figure 7. Check the following in your
layout:
1. Is the Schottky catch diode
closely connected between
ground (Pin 4) and switch (Pin 5)?
2. Is the “+” plate of CIN closely connected to VIN (Pin 6)?
This capacitor provides the AC current to the internal
P-channel MOSFET.
3. Is the 0.1
µF VIN decoupling capacitor closely conected
between VIN (Pin 6) and ground (Pin 4)? This capacitor
carries the high frequency peak currents.
4. Is the SHUTDOWN (Pin 8) actively pulled to VIN during
normal operation? The SHUTDOWN pin is high imped-
ance and must not be allowed to float.
5. Is the IPGM (Pin 7) pulled either to VIN or ground? The
IPGM pin is high impedance and must not be allowed
to float.
3
LTC1174
2
SW
R1
8
7
6
1
5
4
L
VOUT
D
1174 F07
OUTPUT DIVIDER
REQUIRED WITH
ADJUSTABLE
VERSION ONLY
0.1
µF
LBOUT
LBIN
GND
SHUTDOWN
IPGM
VIN
R2
BOLD LINES INDICATE
HIGH CURRENT PATH
VIN
CIN
COUT
VOUT
(VFB)
+
DESIGN EXAMPLE
As a design example, assume VIN = 9V (nominal), VOUT =
5V, and IOUT = 350mA maximum. The LTC1174-5 is used
for this application, with IPGM (Pin 7) connected to VIN. The
minmum value of L is determined by assuming the
LTC1174-5 is operating in continuous mode.
Figure 8. Continuous Inductor Current
TIME
IPEAK
IV
AVG CURRENT = IOUT
=
= 350mA
IPEAK + IV
2
1174 F08
With IOUT = 350mA and IPEAK = 0.6A (IPGM = VIN), IV =
0.1A.The peak-to-peak ripple inductor current, IRIPPLE, is
0.5A and is also equal to:
I
VV
L
A
RIPPLE
OUT
D
PP
=
+
⎝⎜
⎠⎟ ()
410 6


Similar Part No. - LTC1174IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1174IN8 LINER-LTC1174IN8 Datasheet
353Kb / 16P
   High Efficiency Step-Down and Inverting DC/DC Converter
More results

Similar Description - LTC1174IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1174 LINER-LTC1174_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-3.3 LINER-LTC1174-3.3_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174 LINER-LTC1174 Datasheet
353Kb / 16P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-5 LINER-LTC1174-5_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com