Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1300 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA1300
Description  Photodetector amplifiers and laser supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1300 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA1300 Datasheet HTML 7Page - NXP Semiconductors TDA1300 Datasheet HTML 8Page - NXP Semiconductors TDA1300 Datasheet HTML 9Page - NXP Semiconductors TDA1300 Datasheet HTML 10Page - NXP Semiconductors TDA1300 Datasheet HTML 11Page - NXP Semiconductors TDA1300 Datasheet HTML 12Page - NXP Semiconductors TDA1300 Datasheet HTML 13Page - NXP Semiconductors TDA1300 Datasheet HTML 14Page - NXP Semiconductors TDA1300 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1997 Jul 15
11
Philips Semiconductors
Preliminary specification
Photodetector amplifiers and laser
supplies
TDA1300T; TDA1300TT
Fig.3 Maximum input current as a function of VDD.
↑ = test limit.
handbook, full pagewidth
5.5
24
Ii(max)
(
µA)
8
3
3.5
4
4.5
5
VDD (V)
MBG471
12
16
20
handbook, full pagewidth
40
40
Io
(
µA)
0
010
30
MBG469
20
30
10
20
(1)
Ii (µA)
(2)
(3)
Fig.4 Output current as a function of input current.
→ = test limit.
(1) Gd(n) = 1.43.
(2) VDD = 5.5 V.
(3) VDD = 3.4 V.


Similar Part No. - TDA1300

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
   Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TDA1305 PHILIPS-TDA1305 Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
More results

Similar Description - TDA1300

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-03-LR1 SOURCE-SP-03-LR1 Datasheet
277Kb / 10P
   1310nm FP laser and PIN photodetector for 40km transmission
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
   PICOSECOND PHOTODETECTOR
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
CWOA-A1-L1-D ETC2-CWOA-A1-L1-D Datasheet
89Kb / 3P
   LASER CONTROLLER FOR OPTICAL AMPLIFIERS
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com