Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1159CN-5 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1159CN-5
Description  High Efficiency Synchronous Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CN-5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1159CN-5 Datasheet HTML 4Page - Linear Technology LTC1159CN-5 Datasheet HTML 5Page - Linear Technology LTC1159CN-5 Datasheet HTML 6Page - Linear Technology LTC1159CN-5 Datasheet HTML 7Page - Linear Technology LTC1159CN-5 Datasheet HTML 8Page - Linear Technology LTC1159CN-5 Datasheet HTML 9Page - Linear Technology LTC1159CN-5 Datasheet HTML 10Page - Linear Technology LTC1159CN-5 Datasheet HTML 11Page - Linear Technology LTC1159CN-5 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1159
LTC1159-3.3/LTC1159-5
MAXIMUM OUTPUT CURRENT (A)
0
0.12
0.16
0.20
4
LTC1159 • F02
0.08
0.04
0
1
2
3
5
0.10
0.14
0.18
0.06
0.02
Figure 2. RSENSE vs Maximum Output Current
APPLICATIO S I FOR ATIO
IBURST
15mV
RSENSE
ISC(PK) =
150mV
RSENSE
The LTC1159 automatically extends tOFF during a short
circuit to allow sufficient time for the inductor current to
decay between switch cycles. The resulting ripple current
causes the average short-circuit current ISC(AVG) to be
reduced to approximately IMAX.
L and CT Selection for Operating Frequency
The LTC1159 uses a constant off-time architecture with
tOFF determined by an external timing capacitor CT. The
value of CT is calculated from the desired continuous mode
operating frequency, f:
CT =
7.8 • 10–5
f
)
)1– VOUT
VIN
A graph for selecting CT versus frequency including the
effects of input voltage is given in Figure 3.
As the operating frequency is increased the gate charge
losses will be higher, reducing efficiency (see Efficiency
Considerations). The complete expression for operating
frequency is given by:
f =
1
tOFF
)
)1– VOUT
VIN
where tOFF = 1.3 • 104 • CT
Once the frequency has been set by CT, the inductor L
must be chosen to provide no more than 0.025V/RSENSE
of peak-to-peak inductor ripple current. This results in a
minimum required inductor value of:
LMIN = 5.1 • 105 • RSENSE • CT • VREG
As the inductor value is increased from the minimum value,
the ESR requirements for the output capacitor are eased at
the expense of efficiency. If too small an inductor is used,
the LTC1159 may not enter Burst Mode operation and
efficiency will be severely degraded at low currents.
Inductor Core Selection
Once the minimum value for L is known, the type of
inductor must be selected. High efficiency converters
generally cannot afford the core loss found in low cost
powdered iron cores, forcing the use of more expensive
ferrite, molypermalloy or Kool M
µ® cores. Actual core loss
is independent of core size for a fixed inductor value, but
it is very dependent on the inductance selected. As induc-
tance increases, core losses go down but copper (I2R)
losses will increase.
Ferrite designs have very low core loss, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that
inductance collapses abruptly when the peak design cur-
rent is exceeded. This results in an abrupt increase in
FREQUENCY (kHz)
0
0
200
400
600
1400
1000
50
100
1200
800
150
200
250
VOUT = 5V
VIN = 48V
VIN=12V
VIN = 24V
LTC1159 • F03
Figure 3. Timing Capacitor Selection
Kool M
µ is a registered trademark of Magnetics, Inc.


Similar Part No. - LTC1159CN-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1159CN-5 LINER-LTC1159CN-5 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1159CN-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
logo
Linear Technology
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149 Datasheet
389Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com