Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1167 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1167
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1167_02 Datasheet HTML 7Page - Linear Technology LT1167_02 Datasheet HTML 8Page - Linear Technology LT1167_02 Datasheet HTML 9Page - Linear Technology LT1167_02 Datasheet HTML 10Page - Linear Technology LT1167_02 Datasheet HTML 11Page - Linear Technology LT1167_02 Datasheet HTML 12Page - Linear Technology LT1167_02 Datasheet HTML 13Page - Linear Technology LT1167_02 Datasheet HTML 14Page - Linear Technology LT1167_02 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1167
Q1
RG
2
OUTPUT
6
REF
1167 F01
5
7
+
A1
A3
VB
R1
24.7k
R3
400
R4
400
C1
1
RG 8
R7
10k
R8
10k
R5
10k
R6
10k
DIFFERENCE AMPLIFIER STAGE
PREAMP STAGE
+IN
–IN
3
+
A2
VB
R2
24.7k
C2
V +
V
V
V +
V
Q2
V
V +
4
V
with programmed gain. Therefore, the bandwidth does
not drop proportionally to gain.
The input transistors Q1 and Q2 offer excellent matching,
which is inherent in NPN bipolar transistors, as well as
picoampere input bias current due to superbeta process-
ing. The collector currents in Q1 and Q2 are held constant
due to the feedback through the Q1-A1-R1 loop and
Q2-A2-R2 loop which in turn impresses the differential
input voltage across the external gain set resistor RG.
Since the current that flows through RG also flows through
R1 and R2, theratios provide a gained-up differential volt-
age,G = (R1 + R2)/RG, to the unity-gain differenceamplifier
A3. The common mode voltage is removed by A3, result-
ing in a single-ended output voltage referenced to the
voltage on the REF pin. The resulting gain equation is:
VOUT – VREF = G(VIN+ – VIN–)
where:
G = (49.4k
Ω/RG) + 1
solving for the gain set resistor gives:
RG = 49.4kΩ /(G – 1)
The LT1167 is a modified version of the three op amp
instrumentation amplifier. Laser trimming and mono-
lithic construction allow tight matching and tracking of
circuit parameters over the specified temperature range.
Refer to the block diagram (Figure 1) to understand the
following circuit description. The collector currents in Q1
and Q2 are trimmed to minimize offset voltage drift, thus
assuring a high level of performance. R1 and R2 are
trimmed to an absolute value of 24.7k to assure that the
gain can be set accurately (0.05% at G = 100) with only
one external resistor RG. The value of RG determines the
transconductance of the preamp stage. As RG is reduced
for larger programmed gains, the transconductance of
the input preamp stage increases to that of the input
transistors Q1 and Q2. This increases the open-loop gain
when the programmed gain is increased, reducing the
input referred gain related errors and noise. The input
voltage noise at gains greater than 50 is determined only
by Q1 and Q2. At lower gains the noise of the difference
amplifier and preamp gain setting resistors increase the
noise. The gain bandwidth product is determined by C1,
C2 and the preamp transconductance which increases
Figure 1. Block Diagram
BLOCK DIAGRA
THEORY OF OPERATIO


Similar Part No. - LT1167_02

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1167AC LINER-LT1167AC Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167ACN8 LINER-LT1167ACN8 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167ACS8 LINER-LT1167ACS8 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167AI LINER-LT1167AI Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167AIN8 LINER-LT1167AIN8 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results

Similar Description - LT1167_02

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com