Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1121CZ-5 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1121CZ-5
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121CZ-5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1121CZ-5 Datasheet HTML 4Page - Linear Technology LT1121CZ-5 Datasheet HTML 5Page - Linear Technology LT1121CZ-5 Datasheet HTML 6Page - Linear Technology LT1121CZ-5 Datasheet HTML 7Page - Linear Technology LT1121CZ-5 Datasheet HTML 8Page - Linear Technology LT1121CZ-5 Datasheet HTML 9Page - Linear Technology LT1121CZ-5 Datasheet HTML 10Page - Linear Technology LT1121CZ-5 Datasheet HTML 11Page - Linear Technology LT1121CZ-5 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1121/LT1121-3.3/LT1121-5
1121fe
Input Pin: Power is supplied to the device through the
input pin. The input pin should be bypassed to ground if
the device is more than six inches away from the main
input filter capacitor. In general the output impedance of a
battery rises with frequency so it is usually adviseable to
include a bypass capacitor in battery-powered circuits. A
bypass capacitor in the range of 0.1
μF to 1μF is sufficient.
The LT1121 is designed to withstand reverse voltages on
the input pin with respect to both ground and the output
pin. In the case of a reversed input, which can happen if a
battery is plugged in backwards, the LT1121 will act as if
there is a diode in series with its input. There will be no
reverse current flow into the LT1121 and no reverse
voltage will appear at the load. The device will protect both
itself and the load.
Output Pin: The output pin supplies power to the load. An
output capacitor is required to prevent oscillations. See
the Applications Information section for recommended
value of output capacitance and information on reverse
output characteristics.
Shutdown Pin: This pin is used to put the device into
shutdown. In shutdown the output of the device is turned
off. This pin is active low. The device will be shut down if
the shutdown pin is pulled low. The shutdown pin current
with the pin pulled to ground will be 6
μA. The shutdown
pin is internally clamped to 7V and – 0.6V (one VBE). This
allows the shutdown pin to be driven directly by 5V logic
or by open collector logic with a pull-up resistor. The pull-
up resistor is only required to supply the leakage current
of the open collector gate, normally several microam-
peres. Pull-up current must be limited to a maximum of
20mA. A curve of shutdown pin input current as a function
of voltage appears in the Typical Performance Character-
istics. If the shutdown pin is not used it can be left open
circuit. The device will be active, output on, if the shutdown
pin is not connected.
Adjust Pin: For the adjustable LT1121, the adjust pin is the
input to the error amplifier. This pin is internally clamped
to 6V and – 0.6V (one VBE). It has a bias current of 150nA
which flows into the pin. See Bias Current curve in the
Typical Performance Characteristics. The adjust pin refer-
ence voltage is 3.75V referenced to ground. The output
voltage range that can be produced by this device is 3.75V
to 30V.
PI FU CTIO S


Similar Part No. - LT1121CZ-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1121CZ-5 LINER-LT1121CZ-5 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1121CZ-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com