Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1121IST-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1121IST-5
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121IST-5 Datasheet(HTML) 2 Page - Linear Technology

  LT1121IST-5 Datasheet HTML 1Page - Linear Technology LT1121IST-5 Datasheet HTML 2Page - Linear Technology LT1121IST-5 Datasheet HTML 3Page - Linear Technology LT1121IST-5 Datasheet HTML 4Page - Linear Technology LT1121IST-5 Datasheet HTML 5Page - Linear Technology LT1121IST-5 Datasheet HTML 6Page - Linear Technology LT1121IST-5 Datasheet HTML 7Page - Linear Technology LT1121IST-5 Datasheet HTML 8Page - Linear Technology LT1121IST-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1121/LT1121-3.3/LT1121-5
1121fe
Output Short-Circuit Duration ......................... Indefinite
Operating Junction Temperature Range (Note 3)
LT1121C-X ........................................... 0
°C to 125°C
LT1121I-X ....................................... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Input Voltage
LT1121 .............................................................
±30V
LT1121HV ............................................. +36V, – 30V
Output Pin Reverse Current ................................. 10mA
Adjust Pin Current ............................................... 10mA
Shutdown Pin Input Voltage (Note 2) ........ 6.5V, – 0.6V
Shutdown Pin Input Current (Note 2) .................. 20mA
PACKAGE/ORDER I FOR ATIO
TJMAX = 150°C, θJA ≈ 150°C/ W
TJMAX = 150°C, θJA ≈ 50°C/ W
3
2
1
FRONT VIEW
TAB IS
GND
OUTPUT
GND
VIN
ST PACKAGE
3-LEAD PLASTIC SOT-223
ORDER PART NUMBER
ORDER PART
NUMBER
LT1121CZ-3.3
LT121IZ-3.3
LT1121CZ-5
LT1121IZ-5
LT1121CN8
LT1121CN8-3.3
LT1121CN8-5
LT1121IN8
LT1121IN8-3.3
LT1121IN8-5
LT1121CS8
LT1121CS8-3.3
LT1121CS8-5
LT1121HVCS8
LT1121IS8
1121
11213
11215
1121HV
1121I
121I3
121I5
121HVI
1121A
121A3
121A5
121AHV
121AI
121AI3
121AI5
21AHVI
LT1121CST-3.3
LT1121IST-3.3
LT1121CST-5
LT1121IST-5
S8 PART
MARKING
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
OUT
NC/ADJ*
GND
NC
IN
NC**
NC**
SHDN
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
PIN 2 = NC FOR LT1121-3.3/LT1121-5
= ADJ FOR LT1121
PINS 6 AND 7 ARE FLOATING (NO
INTERNAL CONNECTION) ON THE
STANDARD S8 PACKAGE.
PINS 6 AND 7 CONNECTED TO GROUND
ON THE A VERSION OF THE LT1121 (S8 ONLY).
CONNECTING PINS 6 AND 7 TO THE
GROUND PLANE WILL REDUCE THERMAL
RESISTANCE. SEE THERMAL RESISTANCE
TABLES IN THE APPLICATIONS INFORMATION
SECTION.
*
**
TJMAX = 150°C, θJA ≈ 120°C/ W (N8, S8)
TJMAX = 150°C, θJA ≈ 70°C/ W (AS8)
ABSOLUTE
AXI U
RATI GS (Note 1)
LT1121IS8-3.3
LT1121IS8-5
LT1121HVIS8
LT1121ACS8
LT1121ACS8-3.3
LT1121ACS8-5
LT1121AHVCS8
LT1121AIS8
LT1121AIS8-3.3
LT1121AIS8-5
LT1121AHVIS8
BOTTOM VIEW
IN
GND
OUT
Z PACKAGE
3-LEAD PLASTIC TO-92
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ST PART
MARKING
11213
121IS3
11215
1121I5


Similar Part No. - LT1121IST-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1121IST-5 LINER-LT1121IST-5 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1121IST-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com