Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1151 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1151
Description  Dual 짹15V Zero-Drift Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1151 Datasheet(HTML) 5 Page - Linear Technology

  LTC1151 Datasheet HTML 1Page - Linear Technology LTC1151 Datasheet HTML 2Page - Linear Technology LTC1151 Datasheet HTML 3Page - Linear Technology LTC1151 Datasheet HTML 4Page - Linear Technology LTC1151 Datasheet HTML 5Page - Linear Technology LTC1151 Datasheet HTML 6Page - Linear Technology LTC1151 Datasheet HTML 7Page - Linear Technology LTC1151 Datasheet HTML 8Page - Linear Technology LTC1151 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1151
1151fa
0.1Hz to 10Hz Noise
Negative Overload Recovery
Input Bias Current Magnitude vs
Supply Voltage
Large-Signal Transient Response
Input Bias Current vs
Input Common Mode Voltage
Input Bias Current Magnitude vs
Temperature
Small-Signal Transient Response
VS = ±15V, AV = 1
CL = 100pF, RL = 10k
VS = ±15V, AV = 1
CL = 100pF, RL = 10k
2ms/DIV
2ms/DIV
2ms/DIV
VS = ±15V, AV = –100
NOTE: POSITIVE OVERLOAD RECOVERY IS
TYPICALLY 3ms.
5
0
0
1151 G14
1151 G15
1151 G16
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
1
10
100
1000
–25
0
125
1151 G10
25
50
75
100
VCM = 0
VS = ±15V
SUPPLY VOLTAGE (V)
0
0
3
6
9
12
15
1151 G11
18
±2 ±4
±6 ±8 ±10 ±12 ±14 ±16
TA = 25°C
VCM = 0V
1s
10s
1
µV
1151 G13
VS = ±15V
TA = 25°C
INPUT COMMON MODE VOLTAGE (V)
–15
–60
–5
5
1151 G12
15
–10
0
10
–45
–30
–15
0
15
30
45
60
–IB
+IB
VS = ±15V
TA = 25°C


Similar Part No. - LTC1151

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151 Datasheet
191Kb / 12P
   Dual 15V Zero-Drift Operational Amplifier
LTC1151C LINER-LTC1151C Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151CN8 LINER-LTC1151CN8 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151CS LINER-LTC1151CS Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
More results

Similar Description - LTC1151

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1150 LINER-LTC1150_03 Datasheet
230Kb / 16P
   짹15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151_15 Datasheet
191Kb / 12P
   Dual 15V Zero-Drift Operational Amplifier
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com