Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA1082 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA1082
Description  East-West correction driver circuit
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1082 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1082 Datasheet HTML 1Page - NXP Semiconductors TDA1082 Datasheet HTML 2Page - NXP Semiconductors TDA1082 Datasheet HTML 3Page - NXP Semiconductors TDA1082 Datasheet HTML 4Page - NXP Semiconductors TDA1082 Datasheet HTML 5Page - NXP Semiconductors TDA1082 Datasheet HTML 6Page - NXP Semiconductors TDA1082 Datasheet HTML 7Page - NXP Semiconductors TDA1082 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
March 1986
4
Philips Semiconductors
Product specification
East-West correction driver circuit
TDA1082
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
CHARACTERISTICS
VP = 12 V (range 10,5 to 14 V); Tamb =25 °C; measured in circuit Fig.1 with colour tube A66-500X;
unless otherwise specified
Supply voltage (pin 1)
VP
max.
16
V
Output current (pin 15)
−I
O
max.
50
mA
Total power dissipation
Ptot
max.
600
mW
Storage temperature range
Tstg
−25 to + 150 °C
Operating ambient temperature range
Tamb
0 to
+ 70
°C
Voltages
with respect to ground (pin 2)
min.
max.
Pins 1, 5, 7, 8, 9, 12, 13 and 16
0
16
V
Pins 3 and 4
0
V
Pins 10, 11 and 15
05V
Currents
Pins 3, 4 and 6
5mA
Pin 14
0
1,5
mA
Pins 15 and 16 (
−I
15 and +I16)
0
50
mA
Supply
Voltage range
VP
10,5
to
14
V
Voltage peak value
VPM
max.
15
V
Current range
IP
11
to
30
mA
Current typical value
IP
typ.
17
mA
Sawtooth signal (pin 10 or 11)
Input voltage d.c. value
Vi
typ.
2,5
V
Input resistance
Ri
typ.
5,6
k
<
7,0
k
Correcting signals (pin 13)
Input voltage d.c. value
V13
typ.
0,6
V
Input current
I13
typ.
0,5
mA
Flyback keying (pin 3)
Input current range
I3
0,05
to
5
mA
Peak value, d = 5%
I3
typ.
20
mA
Threshold (pin 14)
Input voltage at I14 = 200 µA
for switching off the driver stage
Vi
typ.
8
V
7,2
to
8,8
V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn