Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1147LIS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1147LIS8
Description  High Efficiency Step-Down Switching Regulator Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1147LIS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1147LIS8 Datasheet HTML 1Page - Linear Technology LTC1147LIS8 Datasheet HTML 2Page - Linear Technology LTC1147LIS8 Datasheet HTML 3Page - Linear Technology LTC1147LIS8 Datasheet HTML 4Page - Linear Technology LTC1147LIS8 Datasheet HTML 5Page - Linear Technology LTC1147LIS8 Datasheet HTML 6Page - Linear Technology LTC1147LIS8 Datasheet HTML 7Page - Linear Technology LTC1147LIS8 Datasheet HTML 8Page - Linear Technology LTC1147LIS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1147-3.3
LTC1147-5/LTC1147L
sn1147 1147fds
VIN (Pin 1): Main Supply Pin. Must be closely decoupled
to ground Pin 7.
CT (Pin 2): External capacitor CT from Pin 2 to ground sets
the operating frequency. The actual frequency is also
dependent upon the input voltage.
ITH (Pin 3): Gain Amplifier Decoupling Point. The current
comparator threshold increases with the Pin 3 voltage.
SENSE (Pin 4): Connects to internal resistive divider
which sets the output voltage. Pin 4 is also the (–) input for
the current comparator.
SENSE + (Pin 5): The (+) input to the current comparator.
A built-in offset between Pins 4 and 5 in conjunction with
RSENSE sets the current trip threshold.
SHDN/VFB (Pin 6): When grounded, the fixed output
versions of the LTC1147 family operate normally. Pulling
Pin 6 high holds the P-channel MOSFET off and puts the
LTC1147 in micropower shutdown mode. Requires CMOS
logic signal with tr, tf < 1µs. Do not leave this pin floating.
On the LTC1147L this pin serves as the feedback pin from
an external resistive divider used to set the output voltage.
GND (Pin 7): Two independent ground lines must be
routed separately to: 1) the (–) terminal of COUT, and 2) the
cathode of the Schottky diode and (–) terminal of CIN.
PDRIVE (Pin 8): High current drive for the P-channel
MOSFET. Voltage swing at this pin is from VIN to ground.
Pin 6 Connection Shown For LTC1147-3.3 and LTC1147-5; Changes Create LTC1147L.
+
1
PDRIVE
VIN
GND
R
S
Q
C
25mV TO 150mV
3
13k
ITH
1.25V
6
REFERENCE
SHDN
VOS
V
G
5
6
SENSE+
100k
5pF
VTH1
T
+
VTH2
S
SLEEP
2
CT
OFF-TIME
CONTROL
VIN
SENSE
SENSE
4
8
7
LTC1147 • FD
VFB
PI FU CTIO S
FU CTIO AL DIAGRA


Similar Part No. - LTC1147LIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
More results

Similar Description - LTC1147LIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143 Datasheet
372Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com