Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1147IS8-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1147IS8-5
Description  High Efficiency Step-Down Switching Regulator Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1147IS8-5 Datasheet(HTML) 3 Page - Linear Technology

  LTC1147IS8-5 Datasheet HTML 1Page - Linear Technology LTC1147IS8-5 Datasheet HTML 2Page - Linear Technology LTC1147IS8-5 Datasheet HTML 3Page - Linear Technology LTC1147IS8-5 Datasheet HTML 4Page - Linear Technology LTC1147IS8-5 Datasheet HTML 5Page - Linear Technology LTC1147IS8-5 Datasheet HTML 6Page - Linear Technology LTC1147IS8-5 Datasheet HTML 7Page - Linear Technology LTC1147IS8-5 Datasheet HTML 8Page - Linear Technology LTC1147IS8-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1147-3.3
LTC1147-5/LTC1147L
sn1147 1147fds
TA = 25°C, VIN = 10V, VSHDN = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V5 – V4
Current Sense Threshold Voltage (Note 6)
LTC1147-3.3, LTC1147L-3.3
VSENSE
= VOUT + 100mV (Forced)
25
mV
VSENSE– = VOUT – 100mV (Forced)
130
150
170
mV
LTC1147–5
VSENSE
= VOUT + 100mV (Forced)
25
mV
VSENSE– = VOUT – 100mV (Forced)
130
150
170
mV
LTC1147L
VSENSE
= 5V, V6 = VOUT/4 + 25mV (Forced)
25
mV
VSENSE– = 5V, V6 = VOUT/4 – 25mV (Forced)
130
150
170
mV
V6
SHDN Pin Threshold
LTC1147-3.3/LTC1147-5/LTC1147L-3.3
0.5
0.8
2
V
I6
SHDN Pin Input Current
LTC1147-3.3/LTC1147-5/LTC1147L-3.3
0V < VSHDN < 8V, VIN = 16V
1.2
5
µA
I2
CT Pin Discharge Current
VOUT in Regulation, VSENSE
= VOUT
50
70
90
µA
VOUT = 0V
2
10
µA
tOFF
Off-Time (Note 3)
CT = 390pF, ILOAD = 700mA
4
5
6
µs
tr, tf
Driver Output Transition Times
CL = 3000pF (Pin 8), VIN = 6V
100
200
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V6
Feedback Voltage (LTC1147L)
VIN = 9V
q
1.20
1.25
1.30
V
VOUT
Regulated Output Voltage
VIN = 9V
LTC1147-3.3/LTC1147L-3.3
ILOAD = 700mA
q
3.17
3.33
3.43
V
LTC1147-5
ILOAD = 700mA
q
4.85
5.05
5.20
V
IQ
Input DC Supply Current (Note 2)
(Note 5)
LTC1147 Series
Normal Mode
4V < VIN < 12V
1.6
2.4
mA
Sleep Mode
4V < VIN < 12V
160
260
µA
Sleep Mode (LTC1147-5)
5V < VIN < 12V
160
260
µA
Shutdown
VSHDN = 2.1V, 4V < VIN < 12V
10
22
µA
LTC1147L Series
Normal Mode
3.5V < VIN < 12V
1.6
2.4
mA
Sleep Mode
3.5V < VIN < 12V
160
260
µA
Shutdown (LTC1147L-3.3)
VSHDN = 2.1V, 3.5V < VIN < 12V
10
22
µA
V5 – V4
Current Sense Threshold Voltage (Note 6)
LTC1147-3.3
VSENSE– = VOUT + 100mV (Forced)
25
mV
VSENSE– = VOUT – 100mV (Forced)
q
125
150
185
mV
LTC1147-5
VSENSE– = VOUT + 100mV (Forced)
25
mV
VSENSE– = VOUT – 100mV (Forced)
q
125
150
185
mV
LTC1147L
VSENSE– = 5V, 6V = VOUT/4 + 25mV (Forced)
25
mV
VSENSE– = 5V, 6V = VOUT/4 – 25mV (Forced)
125
150
185
mV
V6
SHDN Pin Threshold
LTC1147-3.3/LTC1147-5/LTC1147L-3.3
0V < VSHDN < 8V, VIN = 16V
0.5
0.8
2
V
tOFF
Off-Time (Note 3)
CT = 390pF, ILOAD = 700mA
3.8
5
6.5
µs
The q denotes specifications which apply over the full specified
temperature range.
Note 1: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1147CN8-3.3/LTC1147CN8-5: TJ = TA + (PD)(110°C/W)
LTC1147LIS/LTC1147IS8/LTC1147LCS/
LTC1147CS8-3.3/LTC1147CS8-5: TJ = TA + (PD)(150°C/W)
Note 2: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 3: In applications where RSENSE is placed at ground potential, the off-
time increases approximately 40%.
Note 4: The LTC1147C is guaranteed to meet specified performance from
0
°C to 70°C and is designed, characterized and expected to meet these
extended temperature limits, but is not tested at – 40
°C and 85°C. The
LTC1147I is guaranteed to meet the extended temperature limits.
Note 5: The LTC1147L/LTC1147L-3.3 allow operation to VIN = 3.5V.
Note 6: The LTC1147L is tested with external feedback resistors resulting
in a nominal output voltage of 2.5V.
–40
°C ≤ TA ≤ 85°C (Note 4), VIN = 10V, unless otherwise noted.


Similar Part No. - LTC1147IS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
More results

Similar Description - LTC1147IS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143 Datasheet
372Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com