Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4026S+QCN Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4026S+QCN
Description  12.8MHz to 51.84MHz TCXO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4026S+QCN Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4026S+QCN Datasheet HTML 1Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 2Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 3Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 4Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 5Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 6Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 7Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 8Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
12.8MHz to 51.84MHz TCXO
4
_____________________________________________________________________
TEMPERATURE SENSOR ELECTRICAL CHARACTERISTICS (Note 1)
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Sensor Accuracy
T
-3
+3
°C
Temperature Sensor Conversion
Time
tCONVT
11
ms
Temperature Sensor Resolution
N2
12
Bits
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standard mode
0
100
SCL Clock Frequency
fSCL
Fast mode
100
400
kHz
Standard mode
4.7
Bus Free Time Between STOP
and START Conditions
tBUF
Fast mode
1.3
µs
Standard mode
4.0
Hold Time (Repeated) START
Condition (Note 6)
tHD:STA
Fast mode
0.6
µs
Standard mode
4.7
Low Period of SCL Clock
tLOW
Fast mode
1.3
µs
Standard mode
4.0
High Period of SCL Clock
tHIGH
Fast mode
0.6
µs
Standard mode
0
0.9
Data Hold Time
(Notes 7, 8)
tHD:DAT
Fast mode
0
0.9
µs
Standard mode
250
Data Setup Time (Note 9)
tSU:DAT
Fast mode
100
ns
Standard mode
4.7
Start Setup Time
tSU:STA
Fast mode
0.6
µs
Standard mode
20 + 0.1CB
1000
Rise Time of Both SDA and SCL
Signals (Note 10)
tR
Fast mode
20 + 0.1CB
300
ns
Standard mode
20 + 0.1CB
300
Fall Time of Both SDA and SCL
Signals (Note 10)
tF
Fast mode
20 + 0.1CB
300
ns


Similar Part No. - DS4026S+QCN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026S+BCC MAXIM-DS4026S+BCC Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
DS4026S+BCN MAXIM-DS4026S+BCN Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
DS4026S+HCC MAXIM-DS4026S+HCC Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
DS4026S+HCN MAXIM-DS4026S+HCN Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
DS4026S+JCC MAXIM-DS4026S+JCC Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
More results

Similar Description - DS4026S+QCN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026_0709 MAXIM-DS4026_0709 Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
logo
TAI-SAW TECHNOLOGY CO.,...
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
   SMD 5x3.2 12.8MHz TCXO
TX0499A TAI-SAW-TX0499A Datasheet
250Kb / 7P
   SMD 5.0x3.2 12.8MHz VCTCXO
REV. NO.: 1.0
TZ1457A TAI-SAW-TZ1457A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ1962A TAI-SAW-TZ1962A Datasheet
911Kb / 5P
   HC43U DIP 12.8MHz Crystal Unit
REV. NO.: 2.0
TZ0438A TAI-SAW-TZ0438A Datasheet
218Kb / 5P
   SMD 5.0x3.2 12.8MHz Crystal Unit
REV. NO.: 1
TZ1365A TAI-SAW-TZ1365A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ1562A TAI-SAW-TZ1562A Datasheet
375Kb / 8P
   SMD 4.0x2.5 12.8MHz Crystal Unit
REV. NO.: 1
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com