Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4026S+QCC Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS4026S+QCC
Description  12.8MHz to 51.84MHz TCXO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4026S+QCC Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS4026S+QCC Datasheet HTML 4Page - Maxim Integrated Products DS4026S+QCC Datasheet HTML 5Page - Maxim Integrated Products DS4026S+QCC Datasheet HTML 6Page - Maxim Integrated Products DS4026S+QCC Datasheet HTML 7Page - Maxim Integrated Products DS4026S+QCC Datasheet HTML 8Page - Maxim Integrated Products DS4026S+QCC Datasheet HTML 9Page - Maxim Integrated Products DS4026S+QCC Datasheet HTML 10Page - Maxim Integrated Products DS4026S+QCC Datasheet HTML 11Page - Maxim Integrated Products DS4026S+QCC Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
• During data transfer, the data line must remain stable
whenever the clock line is high. Changes in the data
line while the clock line is high are interpreted as
control signals.
Accordingly, the following bus conditions have been
defined:
Bus not busy: Both data and clock lines remain
high.
Start data transfer: A change in the state of the data
line from high to low, while the clock line is high,
defines a START condition.
Stop data transfer: A change in the state of the data
line from low to high, while the clock line is high,
defines a STOP condition.
Data valid: The state of the data line represents valid
data when, after a START condition, the data line is
stable for the duration of the high period of the clock
signal. The data on the line must be changed during
the low period of the clock signal. There is one clock
pulse per bit of data.
Each data transfer is initiated with a START condition
and terminated with a STOP condition. The number
of data bytes transferred between the START and the
STOP conditions is not limited, and is determined by
the master device. The information is transferred
byte-wise and each receiver acknowledges with a
ninth bit.
Acknowledge: Each receiving device, when
addressed, is obliged to generate an acknowledge
(ACK) after the reception of each byte. The master
device must generate an extra clock pulse that is
associated with this acknowledge bit.
A device that acknowledges must pull down the SDA
line during the acknowledge clock pulse in such a
way that the SDA line is stable low during the high
period of the acknowledge-related clock pulse. Of
course, setup and hold times must be taken into
account. A master must signal an end of data to the
slave by not generating an acknowledge bit on the
last byte that has been clocked out of the slave. In
this case, the slave must leave the data line high to
enable the master to generate the STOP condition.
Figures 4 and 5 detail how data transfer is accom-
plished on the I2C bus. Depending upon the state of
the R/W bit, two types of data transfer are possible:
Data transfer from a master transmitter to a slave
receiver. The first byte transmitted by the master is
the slave address. Next follows a number of data
bytes. The slave returns an acknowledge (ACK) bit
after each received byte.
Data transfer from a slave transmitter to a master
receiver. The first byte (the slave address) is trans-
mitted by the master. The slave then returns an
acknowledge bit. Next follows a number of data
bytes transmitted by the slave to the master. The
master returns an acknowledge bit after all received
bytes other than the last byte. At the end of the last
received byte, a not acknowledge (NACK) is
returned.
The master device generates all the serial clock
pulses and the START and STOP conditions. A trans-
fer is ended with a STOP condition or with a repeat-
ed START condition. Because a repeated START
condition is also the beginning of the next serial
transfer, the bus is not released.
12.8MHz to 51.84MHz TCXO
____________________________________________________________________
11
A
XXXXXXXX
A
1000001
S
0
XXXXXXXX A XXXXXXXX A XXXXXXXX A P
<SLAVE
ADDRESS>
S = START
A = ACKNOWLEDGE
P = STOP
R/W = READ/WRITE OR DIRECTION BIT ADDRESS = 82h
DATA TRANSFERRED
(X + 1 BYTES + ACKNOWLEDGE)
<DATA (n + X)>
<DATA (n + 1)>
<DATA (n)>
<WORD
ADDRESS (n)>
Figure 4. Slave Receiver Mode (Write Mode)
A
XXXXXXXX
A
1000001
S
1
XXXXXXXX A XXXXXXXX A XXXXXXXX A P
<SLAVE
ADDRESS>
S = START
A = ACKNOWLEDGE
P = STOP
A = NOT ACKNOWLEDGE
R/W = READ/WRITE OR DIRECTION BIT ADDRESS = 83h
DATA TRANSFERRED
(X + 1 BYTES + ACKNOWLEDGE)
NOTE: LAST DATA BYTE IS FOLLOWED BY
A NOT ACKNOWLEDGE (A) SIGNAL
<DATA (n + X)>
<DATA (n + 2)>
<DATA (n + 1)>
<DATA (n)>
Figure 5. Slave Transmitter Mode (Read Mode)


Similar Part No. - DS4026S+QCC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026S+BCC MAXIM-DS4026S+BCC Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
DS4026S+BCN MAXIM-DS4026S+BCN Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
DS4026S+HCC MAXIM-DS4026S+HCC Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
DS4026S+HCN MAXIM-DS4026S+HCN Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
DS4026S+JCC MAXIM-DS4026S+JCC Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
More results

Similar Description - DS4026S+QCC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026_0709 MAXIM-DS4026_0709 Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
logo
TAI-SAW TECHNOLOGY CO.,...
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
   SMD 5x3.2 12.8MHz TCXO
TX0499A TAI-SAW-TX0499A Datasheet
250Kb / 7P
   SMD 5.0x3.2 12.8MHz VCTCXO
REV. NO.: 1.0
TZ1457A TAI-SAW-TZ1457A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ1962A TAI-SAW-TZ1962A Datasheet
911Kb / 5P
   HC43U DIP 12.8MHz Crystal Unit
REV. NO.: 2.0
TZ0438A TAI-SAW-TZ0438A Datasheet
218Kb / 5P
   SMD 5.0x3.2 12.8MHz Crystal Unit
REV. NO.: 1
TZ1365A TAI-SAW-TZ1365A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ1562A TAI-SAW-TZ1562A Datasheet
375Kb / 8P
   SMD 4.0x2.5 12.8MHz Crystal Unit
REV. NO.: 1
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com