Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1118CST-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1118CST-5
Description  Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1118CST-5 Datasheet(HTML) 6 Page - Linear Technology

  LT1118CST-5 Datasheet HTML 1Page - Linear Technology LT1118CST-5 Datasheet HTML 2Page - Linear Technology LT1118CST-5 Datasheet HTML 3Page - Linear Technology LT1118CST-5 Datasheet HTML 4Page - Linear Technology LT1118CST-5 Datasheet HTML 5Page - Linear Technology LT1118CST-5 Datasheet HTML 6Page - Linear Technology LT1118CST-5 Datasheet HTML 7Page - Linear Technology LT1118CST-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1118/LT1118-2.5
LT1118-2.85/LT1118-5
1118fc
thermally connected to the die substrate. Table 1 shows
measured thermal resistance from junction to ambient for
the LT1118 connected to various sized PC board ground
planes. The power dissipated in the LT1118 varies with
input voltage and loading. When the regulator is sourcing
current the power which must be dissipated by the pack-
age is:
PD = (VIN – VOUT) • ILOAD.
When the regulator is sinking load current, power dissipa-
tion is nearly independent of VIN and can be calculated as:
PD = VOUT • ILOAD.
Heat sinking to the IC package must consider the worst
case power dissipation which may occur.
Table 1. Measured Thermal Resistance from Junction to
Ambient for the LT1118
S8 Package
SOT-223
Free Air
120
°C/W
95
°C/W
1 Sq Inch Copper
55
°C/W
53
°C/W
4 Sq Inch Copper
35
°C/W
38
°C/W
LT1118-2.85
GND
IN
27 LINES
2.2
µF
5V
1
µF
110
110
1118 TA03
110
110
110
TERMPWR
OUT
+
LT1118-2.5
GND
IN
1
µF
1118 TA04
5V
ANALOG
COMMON
2.5V
VIN
5V
OUT
1
µF
SCSI Active Terminator
Power Supply Splitter
OPERATIO
TYPICAL APPLICATIO S


Similar Part No. - LT1118CST-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1118CST-5 LINER-LT1118CST-5 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
More results

Similar Description - LT1118CST-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1118 LINER-LT1118 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.85 LINER-LT1118-2.85_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-5 LINER-LT1118-5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com