Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1471 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1471
Description  315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1471 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1471_05 Datasheet HTML 1Page - Maxim Integrated Products MAX1471_05 Datasheet HTML 2Page - Maxim Integrated Products MAX1471_05 Datasheet HTML 3Page - Maxim Integrated Products MAX1471_05 Datasheet HTML 4Page - Maxim Integrated Products MAX1471_05 Datasheet HTML 5Page - Maxim Integrated Products MAX1471_05 Datasheet HTML 6Page - Maxim Integrated Products MAX1471_05 Datasheet HTML 7Page - Maxim Integrated Products MAX1471_05 Datasheet HTML 8Page - Maxim Integrated Products MAX1471_05 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
General Description
The MAX1471 low-power, CMOS, superheterodyne, RF
dual-channel receiver is designed to receive both ampli-
tude-shift-keyed (ASK) and frequency-shift-keyed (FSK)
data without reconfiguring the device or introducing any
time delay normally associated with changing modula-
tion schemes. The MAX1471 requires few external com-
ponents to realize a complete wireless RF digital data
receiver for the 300MHz to 450MHz ISM bands.
The MAX1471 includes all the active components
required in a superheterodyne receiver including: a low-
noise amplifier (LNA), an image-reject (IR) mixer, a fully
integrated phase-locked loop (PLL), local oscillator
(LO), 10.7MHz IF limiting amplifier with received-signal-
strength indicator (RSSI), low-noise FM demodulator,
and a 3V voltage regulator. Differential peak-detecting
data demodulators are included for both the FSK and
ASK analog baseband data recovery. The MAX1471
includes a discontinuous receive (DRX) mode for low-
power operation, which is configured through a serial
interface bus.
The MAX1471 is available in a 32-pin thin QFN package
and is specified over the automotive -40°C to +125°C
temperature range.
Applications
Automotive Remote Keyless Entry (RKE)
Tire Pressure Monitoring Systems
Garage Door Openers
Wireless Sensors
Wireless Keys
Security Systems
Medical Systems
Home Automation
Local Telemetry Systems
Features
♦ ASK and FSK Demodulated Data on Separate
Outputs
♦ Specified over Automotive -40°C to +125°C
Temperature Range
♦ Low Operating Supply Voltage Down to 2.4V
♦ On-Chip 3V Regulator for 5V Operation
♦ Low Operating Supply Current
7mA Continuous Receive Mode
1.1µA Deep-Sleep Mode
♦ Discontinuous Receive (DRX) Low-Power
Management
♦ Fast-On Startup Feature < 250µs
♦ Integrated PLL, VCO, and Loop Filter
♦ 45dB Integrated Image Rejection
♦ RF Input Sensitivity*
ASK: -114dBm
FSK: -108dBm
♦ Selectable IF BW with External Filter
♦ Programmable Through Serial User Interface
♦ RSSI Output and High Dynamic Range with AGC
315MHz/434MHz Low-Power, 3V/5V
ASK/FSK Superheterodyne Receiver
________________________________________________________________ Maxim Integrated Products
1
32
31
30
29
28
27
26
9
101112131415
18
19
20
21
22
23
24
7
6
5
4
3
2
1
MAX1471
THIN QFN
TOP VIEW
DSA+
DSA-
OPA+
DFA
XTAL2
XTAL1
AVDD
8
LNAIN
25
DVDD
DGND
DFF
OPF+
DSF+
DSF-
PDMAXF
17
PDMINF
16
Pin Configuration
19-3272; Rev 1; 3/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*0.2% BER, 4kbps, Manchester-encoded data, 280kHz IF BW
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1471ATJ
-40
°C to +125°C
32 Thin QFN-EP**
**EP = Exposed pad.


Similar Part No. - MAX1471_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14713 MAXIM-MAX14713 Datasheet
532Kb / 7P
   3V DC power supply
Rev 1; 8/17
MAX14713EVKIT MAXIM-MAX14713EVKIT Datasheet
532Kb / 7P
   3V DC power supply
Rev 1; 8/17
MAX14713EWL MAXIM-MAX14713EWL Datasheet
737Kb / 10P
   Compact 6A Smart Power Path Selector
Rev 0; 9/14
MAX14713EWL++ MAXIM-MAX14713EWL+ Datasheet
737Kb / 10P
   Compact 6A Smart Power Path Selector
Rev 0; 9/14
MAX14714 MAXIM-MAX14714 Datasheet
532Kb / 7P
   3V DC power supply
Rev 1; 8/17
More results

Similar Description - MAX1471_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034_11 Datasheet
259Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
MAX1470 MAXIM-MAX1470 Datasheet
220Kb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com