Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1120ACS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1120ACS8
Description  Micropower Regulator with Comparator and Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1120ACS8 Datasheet(HTML) 8 Page - Linear Technology

  LT1120ACS8 Datasheet HTML 1Page - Linear Technology LT1120ACS8 Datasheet HTML 2Page - Linear Technology LT1120ACS8 Datasheet HTML 3Page - Linear Technology LT1120ACS8 Datasheet HTML 4Page - Linear Technology LT1120ACS8 Datasheet HTML 5Page - Linear Technology LT1120ACS8 Datasheet HTML 6Page - Linear Technology LT1120ACS8 Datasheet HTML 7Page - Linear Technology LT1120ACS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1120A
1120afa
LT/TP 0104 1K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1994
PACKAGE DESCRIPTIO
N8 Package
8-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
S8 Package
8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
N8 1002
.065
(1.651)
TYP
.045 – .065
(1.143 – 1.651)
.130
± .005
(3.302
± 0.127)
.020
(0.508)
MIN
.018
± .003
(0.457
± 0.076)
.120
(3.048)
MIN
.008 – .015
(0.203 – 0.381)
.300 – .325
(7.620 – 8.255)
.325
+.035
–.015
+0.889
–0.381
8.255
()
12
3
4
87
6
5
.255
± .015*
(6.477
± 0.381)
.400*
(10.160)
MAX
NOTE:
1. DIMENSIONS ARE
INCHES
MILLIMETERS
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
.100
(2.54)
BSC
.016 – .050
(0.406 – 1.270)
.010 – .020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
.008 – .010
(0.203 – 0.254)
SO8 0303
.053 – .069
(1.346 – 1.752)
.014 – .019
(0.355 – 0.483)
TYP
.004 – .010
(0.101 – 0.254)
.050
(1.270)
BSC
1
2
3
4
.150 – .157
(3.810 – 3.988)
NOTE 3
8
7
6
5
.189 – .197
(4.801 – 5.004)
NOTE 3
.228 – .244
(5.791 – 6.197)
.245
MIN
.160
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
.050 BSC
.030
±.005
TYP
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1761/LT1762
100mA/150mA, Low Noise
VIN: 1.8V to 20V; VOUT(MIN) = 1.22V; Dropout Voltage = 0.30V; IQ = 20µA; ISD < 1µA; VOUT = Adj,
Micropower, LDO
1.5V, 1.8V, 2V, 2.5V, 2.8V, 3V, 3.3V, 5V; ThinSOT
TM/MS8 Packages. Low Noise <20
µVRMSP-P
LT1763
500mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V; VOUT(MIN) = 1.22V; Dropout Voltage = 0.30V; IQ = 30µA; ISD < 1µA;
VOUT = 1.5V, 1.8V, 2.5V,3V, 3.3V, 5V; SO-8 Package. Low Noise <20µVRMSP-P
LT1764/LT1764A
3A, Low Noise, Fast Transient
VIN: 2.7V to 20V; VOUT(MIN) = 1.21V; Dropout Voltage = 0.34V; IQ = 1mA; ISD < 1µA;
Response, LDO
VOUT = 1.8V, 2.5V, 3.3; DD, TO220, Packages. Low Noise <40µVRMSP-P, “A” Version Stable
with Ceramic Capacitors
LT1962
300mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V; VOUT(MIN) = 1.22V; Dropout Voltage = 0.27V; IQ = 30µA; ISD < 1µA;
VOUT = 1.5V, 1.8V, 2.5V,3V, 3.3V, 5V; MS8 Package. Low Noise <20µVRMSP-P
LT1963/LT1963A
1.5A, Low Noise, Fast Transient
VIN: 2.1V to 20V; VOUT(MIN) = 1.21V; Dropout Voltage = 34V; IQ = 1mA; ISD < 1µA; VOUT = 1.5V
Response, LDO
1.8V, 2.5V, 3.3; DD, TO220, SOT-223, SO-8 Packages. Low Noise <40
µVRMSP-P, “A”
Version Stable with Ceramic Capacitors
LT1964
200mA, Low Noise Micropower
VIN: –0.9V to –20V; VOUT(MIN) = –1.21V; Dropout Voltage = 0.34V; IQ = 30µA; ISD < 3µA;
Negative, LDO
VOUT = Adj, –5V; ThinSOT Package. Low Noise <30µVRMSP-P, Stable with Ceramic Capacitors
LT3010
80V, 50mA, Low Noise Linear
VIN: 1.5V to 80V; VOUT(MIN) = 1.28V; Dropout Voltage = 0.30V; IQ = 30µA; ISD < 1µA;
Regulator
VOUT = Adj, –5V; MS8E Package. Low Noise <100µVRMSP-P, Stable with Ceramic Capacitors
ThinSOT is a trademark of Linear Technology Corporation.


Similar Part No. - LT1120ACS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120ACS8 LINER-LT1120ACS8 Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
More results

Similar Description - LT1120ACS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
logo
Texas Instruments
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
623Kb / 22P
[Old version datasheet]   40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com