Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1034CZ-1.2 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1034CZ-1.2
Description  Micropower Dual Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1034CZ-1.2 Datasheet(HTML) 5 Page - Linear Technology

  LT1034CZ-1.2 Datasheet HTML 1Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 2Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 3Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 4Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 5Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 6Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 7Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1034-1.2/LT1034-2.5
1034fe
TYPICAL PERFORMANCE CHARACTERISTICS
REVERSE VOLTAGE (V)
0
8
12
1.6
LT1034 • TPC07
4
0
0.4
0.8
1.2
16
TA = –55°C TO 125°C
VREF = 1.2V
REVERSE VOLTAGE (V)
0
100
80
60
40
20
0
8
LT1034 • TPC09
2
135
79
4
6
10
TA = –55°C TO 125°C
VREF = 7V
REVERSE VOLTAGE (V)
100
10
1
0.1
0.01
2.490
2.500
2.505
2.510
LT1034 • TPC02
2.495
Reverse Characteristics 7V
Reverse Characteristics 2.5V
Reverse Characteristics 1.2V
Response Time
Response Time
Forward Characteristics
FORWARD CURRENT (mA)
0.01
0
0.8
1.2
0.1
1
10
100
LT1034 • TPC10
0.4
TA = 25°C
TIME (
µs)
8
6
4
2
0
15
0
60
LT1180A • TPC11
0
20
40
80
OUTPUT
INPUT
VIN
VOUT
82k
7V
TIME (
µs)
1.5
1.0
0.5
0
5
0
300
LT1180A • TPC12
0
100
200
400
OUTPUT
INPUT
VIN
VOUT
36k
1.2V


Similar Part No. - LT1034CZ-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
More results

Similar Description - LT1034CZ-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
RH1034-1 LINER-RH1034-1_15 Datasheet
82Kb / 4P
   Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
RH1034-1.2 LINER-RH1034-1.2 Datasheet
103Kb / 4P
   Micropower Dual Reference
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com